Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TL431IDBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL431IDBVR
Descripción Electrónicos  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL431IDBVR Datasheet(HTML) 3 Page - Texas Instruments

  TL431IDBVR Datasheet HTML 1Page - Texas Instruments TL431IDBVR Datasheet HTML 2Page - Texas Instruments TL431IDBVR Datasheet HTML 3Page - Texas Instruments TL431IDBVR Datasheet HTML 4Page - Texas Instruments TL431IDBVR Datasheet HTML 5Page - Texas Instruments TL431IDBVR Datasheet HTML 6Page - Texas Instruments TL431IDBVR Datasheet HTML 7Page - Texas Instruments TL431IDBVR Datasheet HTML 8Page - Texas Instruments TL431IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TL431, TL431A, TL431B, TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543A – AUGUST 2004 − REVISED AUGUST 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
Vref TOLERANCE (25°C) = 2%
TL431, TL432 ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
PDIP (P)
Tube of 50
TL431CP
TL431CP
SOIC (D)
Tube of 75
TL431CD
TL431C
SOIC (D)
Reel of 2500
TL431CDR
TL431C
SOP (PS)
Reel of 2000
TL431CPSR
T431
Reel of 3000
TL431CDBVR
T3C_
SOT-23-5 (DBV)
Reel of 250
TL431CDBVT
T3C_
SOT-23-5 (DBV)
Reel of 3000
TL432CDBVR
TAB_
Reel of 250
TL432CDBVT
TAB_
0
°C to 70°C
Reel of 3000
TL431CDBZR
TAC_
0
°C to 70°C
SOT-23-3 (DBZ)
Reel of 250
TL431CDBZT
TAC_
SOT-23-3 (DBZ)
Reel of 3000
TL432CDBZR
TAB_
Reel of 250
TL432CDBZT
TAB_
SOT-89 (PK)
Reel of 1000
TL431CPK
43
Bulk of 1000
TL431CLP
TO-226/TO-92 (LP)
Ammo of 2000
TL431CLPM
TL431C
TO-226/TO-92 (LP)
Reel of 2000
TL431CLPR
TL431C
TSSOP (PW)
Tube of 150
TL431CPW
T431
TSSOP (PW)
Reel of 2000
TL431CPWR
T431
PDIP (P)
Tube of 50
TL431IP
TL431IP
SOIC (D)
Tube of 75
TL431ID
TL431I
SOIC (D)
Reel of 2500
TL431IDR
TL431I
Reel of 3000
TL431IDBVR
T3I_
SOT-23-5 (DBV)
Reel of 250
TL431IDBVT
T3I_
SOT-23-5 (DBV)
Reel of 3000
TL432IDBVR
T4A_
−40
°C to 85°C
Reel of 250
TL432IDBVT
T4A_
−40
°C to 85°C
Reel of 3000
TL431IDBZR
TAI_
SOT-23-3 (DBZ)
Reel of 250
TL431IDBZT
TAI_
SOT-23-3 (DBZ)
Reel of 3000
TL432IDBZR
T4A_
Reel of 250
TL432IDBZT
T4A_
SOT-89 (PK)
Reel of 1000
TL431IPK
3I
TO-226/TO-92 (LP)
Bulk of 1000
TL431ILP
TL431I
TO-226/TO-92 (LP)
Reel of 2000
TL431ILPR
TL431I
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ DBV/DBZ: The actual top-side marking has one additional character that designates the assembly/test site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com