Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMC424 Datasheet(PDF) 17 Page - TRINAMIC Motion Control GmbH & Co. KG.

No. de pieza TMC424
Descripción Electrónicos  Serial Triple Incremental Encoder Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Página de inicio  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC424 Datasheet(HTML) 17 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMC424 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 19Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 20Page - TRINAMIC Motion Control GmbH & Co. KG. TMC424 Datasheet HTML 21Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TMC424 Datasheet – (V1.04 / 2015-JUL-01)
17/21
Copyright © 2011 TRINAMIC Motion Control GmbH & Co. KG
7.3 Timer Logic Step Pulse Length and Delay
To parameterize the step length and delay the next datagram is to be used:
Bit
Write Step Pulse Length / Delay
31…25
“0000111” Register Address
24
‘1’
23…16
Step Pulse Length (default value = 48
(10) after PON)
15…6
Step Pulse Delay after Direction Change (default value = 160
(10) after PON)
5…0
Reserved
Table 8: SPI Datagram Step-/Dir logic
7.4 Control Register and Interrupt Control
This datagram configures the interrupt control of the TMC424. When enabled, the N channel pulse of
all encoders is fed to the NINT pin.
Bit
Control Register
31…25
“0001000” Register Address
24
‘1’
23
Set Common Hold for Encoder Hold Registers
0 = no hold (default)
1 = freeze encoder hold registers
22
Encoder Interrupt Enable, if Null signal
0 = interrupt disable (default)
1 = interrupt enable
21
Clear Interrupt Flags
0 = no clear (default)
1= clear flags
20…0
Reserved
Table 9: SPI Datagram Control Register
7.5 N-Channel Read Back
This datagram returns the state of the three N-Channel inputs ENCx_N after the possible inverting
controlled by ENC_INV. The three inputs are sampled after transmission of the R/W bit. The three bits
are repeated in the datagram for compatibility reasons as if the N-signals were connected to the
SW_ROW_PIN(0..2) inputs of a TMC423.
Bit
Channel
31…25
“0001001” Register Address
24
‘0’
23…21, 17…15,
11…9, 5…3
“000”
20, 14, 8, 2
ENC3_N when ENC_INV = 0, not ENC3_N when ENC_INV = 1
19, 13, 7, 1
ENC2_N when ENC_INV = 0, not ENC2_N when ENC_INV = 1
18, 12, 6, 0
ENC1_N when ENC_INV = 0, not ENC1_N when ENC_INV = 1
Table 10: N-Channel Read Back Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com