Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ZPD6.8 Datasheet(PDF) 2 Page - Diotec Semiconductor

No. de pieza ZPD6.8
Descripción Electrónicos  Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZPD6.8 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZPD6.8 Datasheet HTML 1Page - Diotec Semiconductor ZPD6.8 Datasheet HTML 2Page - Diotec Semiconductor ZPD6.8 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZPD2.7 ... ZPD75 (500 mW)
Maximum ratings and Characteristics
(Tj = 25°C unless otherwise specified)
Grenz- und Kennwerte
(Tj = 25°C wenn nicht anders spezifiziert)
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = 5 mA
Dynamic resistance
Diff. Widerstand
rzj [Ω] at f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 100 nA
Z-current 1)
Z-Strom 1)
TA = 25°C
Vzmin [V]
Vzmax [V]
IZ = 5 mA
IZ = 1 mA
αVZ [10-4 /°C]
VR [V]
IZmax [mA]
ZPD2.7
2.5
2.9
75 (< 83)
< 500
–9…–4
–
172
ZPD3.0
2.8
3.2
80 (< 95)
< 500
–9…–3
–
156
ZPD3.3
3.1
3.5
80 (< 95)
< 500
–8…–3
–
143
ZPD3.6
3.4
3.8
80 (< 95)
< 500
–8…–3
–
132
ZPD3.9
3.7
4.1
80 (< 95)
< 500
–7…–3
–
122
ZPD4.3
4.0
4.6
70 (< 85)
< 500
–6…–1
–
109
ZPD4.7
4.4
5.0
60 (< 78)
< 500
–5…+2
–
100
ZPD5.1
4.8
5.4
30 (< 60)
< 480
–3…+4
> 0.8
93
ZPD5.6
5.2
6.0
10 (< 40)
< 400
–2…+6
> 1
83
ZPD6.2
5.8
6.6
5 (< 10)
< 200
–1…+7
> 2
76
ZPD6.8
6.4
7.2
4.5 (< 8)
< 150
+2…+7
> 3
69
ZPD7.5
7.0
7.9
4 (< 7)
< 50
+3…+7
> 5
63
ZPD8.2
7.7
8.7
4.5 (< 7)
< 50
+4…+7
> 6
57
ZPD9.1
8.5
9.6
5 (< 10)
< 50
+5…+8
> 7
52
ZPD10
9.4
10.6
5.2 (< 15)
< 70
+5…+8
> 7.5
47
ZPD11
10.4
11.6
6 (< 20)
< 70
+5…+9
> 8.5
43
ZPD12
11.4
12.7
7 (< 20)
< 90
+6…+9
> 9
39
ZPD13
12.4
14.1
9 (< 25)
< 110
+7…+9
> 10
35
ZPD15
13.8
15.6
11 (< 30)
< 110
+7…+9
> 11
32
ZPD16
15.3
17.1
13 (< 40)
< 170
+8…+9.5
> 12
29
ZPD18
16.8
19.1
18 (< 50)
< 170
+8…+9.5
> 14
26
ZPD20
18.8
21.2
20 (< 50)
< 220
+8…+10
> 15
24
ZPD22
20.8
23.3
25 (< 55)
< 220
+8…+10
> 17
21
ZPD24
22.8
25.6
28 (< 70)
< 220
+8…+10
> 18
20
ZPD27
25.1
28.9
30 (< 80)
< 250
+8…+10
> 20
17
ZPD30
28
32
35 (< 80)
< 250
+8…+10
> 22
16
ZPD33
31
35
40 (< 80)
< 250
+8…+10
> 24
14
ZPD36
34
38
40 (< 90)
< 250
+8…+10
> 26
13
ZPD39
37
41
50 (< 90)
< 300
+10…+12
> 28
12
ZPD43
40
46
60 (< 100)
< 500
+10…+12
> 30
11
ZPD47
44
50
70 (< 110)
< 700
+10…+12
> 33
10
ZPD51
48
54
80 (< 125)
< 700
+10…+12
> 36
9
ZPD56
52
60
90 (< 135)
< 750
+10…+12
> 39
8
ZPD62
58
66
100 (< 150)
< 800
+10…+12
> 44
8
ZPD68
64
72
110 (< 200)
< 850
+10…+12
> 48
7
ZPD75
70
79
120 (< 250)
< 900
+10…+12
> 52
6
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com