Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMP320R2811ZHHS Datasheet(PDF) 76 Page - Texas Instruments

No. de pieza TMP320R2811ZHHS
Descripción Electrónicos  TMS320R2811, TMS320R2812 Digital Signal Processors
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP320R2811ZHHS Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMP320R2811ZHHS Datasheet HTML 72Page - Texas Instruments TMP320R2811ZHHS Datasheet HTML 73Page - Texas Instruments TMP320R2811ZHHS Datasheet HTML 74Page - Texas Instruments TMP320R2811ZHHS Datasheet HTML 75Page - Texas Instruments TMP320R2811ZHHS Datasheet HTML 76Page - Texas Instruments TMP320R2811ZHHS Datasheet HTML 77Page - Texas Instruments TMP320R2811ZHHS Datasheet HTML 78Page - Texas Instruments TMP320R2811ZHHS Datasheet HTML 79Page - Texas Instruments TMP320R2811ZHHS Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 147 page
background image
Peripherals
76
June 2004
SPRS257
Figure 4−11 is a block diagram of the SPI in slave mode.
S
SPICTL.0
SPI INT FLAG
SPI INT
ENA
SPISTS.6
S
Clock
Polarity
Talk
LSPCLK
4
5
61
2
30
0
1
2
3
SPI Bit Rate
State Control
SPIRXBUF
Buffer Register
Clock
Phase
Receiver
Overrun Flag
SPICTL.4
Overrun
INT ENA
SPICCR.3 − 0
SPIBRR.6 − 0
SPICCR.6
SPICTL.3
SPIDAT.15 − 0
SPICTL.1
M
S
M
Master/Slave
SPISTS.7
SPIDAT
Data Register
M
S
SPICTL.2
SPI Char
SPISIMO
SPISOMI
SPICLK
SW2
S
M
M
S
SW3
To CPU
M
SW1
SPITXBUF
Buffer Register
RX FIFO _0
RX FIFO _1
−−−−−
RX FIFO _15
TX FIFO registers
TX FIFO _0
TX FIFO _1
−−−−−
TX FIFO _15
RX FIFO registers
16
16
16
TX Interrupt
Logic
RX Interrupt
Logic
SPIINT/SPIRXINT
SPITXINT
SPIFFOVF FLAG
SPIFFRX.15
16
TX FIFO Interrupt
RX FIFO Interrupt
SPIRXBUF
SPITXBUF
SPIFFTX.14
SPIFFENA
SPISTE†
† SPISTE is driven low by the master for a slave device.
Figure 4−11. Serial Peripheral Interface Module Block Diagram (Slave Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com