Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

54ACTQ240 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza 54ACTQ240
Descripción Electrónicos  Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

54ACTQ240 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 54ACTQ240 Datasheet HTML 2Page - Texas Instruments 54ACTQ240 Datasheet HTML 3Page - Texas Instruments 54ACTQ240 Datasheet HTML 4Page - Texas Instruments 54ACTQ240 Datasheet HTML 5Page - Texas Instruments 54ACTQ240 Datasheet HTML 6Page - Texas Instruments 54ACTQ240 Datasheet HTML 7Page - Texas Instruments 54ACTQ240 Datasheet HTML 8Page - Texas Instruments 54ACTQ240 Datasheet HTML 9Page - Texas Instruments 54ACTQ240 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DC Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed
Limits
I
CCT
Maximum
5.5
1.6
mA
V
I = VCC − 2.1V
I
CC/Input
I
OLD
Minimum Dynamic
(Note 10)
5.5
50
mA
V
OLD = 1.65V Max
I
OHD
Output Current
5.5
−50
mA
V
OHD = 3.85V Min
I
CC
Maximum Quiescent
5.5
80.0
µA
V
IN = VCC
Supply Current
or GND (Note 11)
V
OLP
Quiet Output Maximum
Dynamic V
OL
5.0
1.5V
V
(Notes 12, 13)
V
OLV
Quiet Output Minimum
Dynamic V
OL
5.0
−1.2V
V
(Notes 12, 13)
Note 9: All outputs loaded; thresholds on input associated with output under test.
Note 10: Maximum test duration 2.0 ms, one output loaded at a time.
Note 11: ICC for 54ACTQ @ 25˚C is identical to 74ACTQ @ 25˚C.
Note 12: Plastic DIP package.
Note 13: Max number of Data Inputs defined as (n). n−1 Data Inputs are driven 0V to 3V. One Data Input @ VIN = GND.
Note 14: Max number of Data Inputs (n) switching. (n−1) Inputs switching 0V to 3V (’ACTQ). Input-under-test switching: 3V to threshold (VILD), 0V to threshold
(VIHD), f = 1 MHz.
AC Electrical Characteristics
54ACQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 15)
C
L = 50 pF
Min
Max
t
PHL,tPLH
Propagation Delay
3.3
1.0
12.5
ns
Data to Output
5.0
1.0
9.0
t
PZL,tPZH
Output Enable Time
3.3
1.0
13.5
ns
5.0
1.0
10.0
t
PHZ,tPLZ
Output Disable Time
3.3
1.0
11.0
ns
5.0
1.0
9.0
Note 15: Voltage Range 5.0 is 5.0V ±0.5V
Voltage Range 3.3 is 3.3 ±0.3V.
Note 16: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com