Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DAC1210LCJ-1 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza DAC1210LCJ-1
Descripción Electrónicos  DAC1231/DAC1232 12-Bit, mP Compatible,Double-Buffered D to A Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1210LCJ-1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC1210LCJ-1 Datasheet HTML 5Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 6Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 7Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 8Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 9Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 10Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 11Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 12Page - Texas Instruments DAC1210LCJ-1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Application Hints (Continued)
14 Left-Justified Data Format
It is important to realize that the input registers of these
DACs are arranged to accept a left-justified data word from
the microprocessor with the most significant 8 bits coming
first (Byte 1) and the lower 4 bits second Left justification
simply means that the binary point is assumed to be located
to the left of the most significant bit
Figure 3 shows how the
12 bits of DAC data should be arranged in 2 8-bit registers
of an 8-bit processor before being written to the DAC
TLH5690-10
X e don’t care
FIGURE 3 Left-Justified Data Format
15 16-Bit Data Bus Interface
The DAC1208 series provides all 12 digital input lines to
permit a direct parallel interface to a 16-bit data bus In this
instance double buffering is not always necessary (unless a
simultaneous updating of several DACs or a data transfer
via an external strobe is desired) so the 12-bit DAC register
can be wired to flow-through whereby its Q outputs always
reflect the state of its D inputs The external connections
required and the timing diagram for this single buffered ap-
plication are shown in
Figure 4 Note that either left or right-
justified data from the processor can be accommodated
with a 16-bit data bus
16 Flow-Through Operation
Through primarily designed to provide microprocessor inter-
face compatibility the MICRO-DACs can easily be config-
ured to allow the analog output to continuously reflect the
state of an applied digital input This is most useful in appli-
Interface Timing
TLH5690-11
XFER and WR2 grounded Byte 1Byte 2 tied to VCC
FIGURE 4 16-Bit Data Bus Interface for the DAC1208 Series
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com