Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADR01BKS-R2 Datasheet(PDF) 20 Page - Analog Devices

No. de pieza ADR01BKS-R2
Descripción Electrónicos  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR01BKS-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADR01BKS-R2 Datasheet HTML 12Page - Analog Devices ADR01BKS-R2 Datasheet HTML 13Page - Analog Devices ADR01BKS-R2 Datasheet HTML 14Page - Analog Devices ADR01BKS-R2 Datasheet HTML 15Page - Analog Devices ADR01BKS-R2 Datasheet HTML 16Page - Analog Devices ADR01BKS-R2 Datasheet HTML 17Page - Analog Devices ADR01BKS-R2 Datasheet HTML 18Page - Analog Devices ADR01BKS-R2 Datasheet HTML 19Page - Analog Devices ADR01BKS-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 20 of 20
ADR03 ORDERING GUIDE
Output
Voltage
Initial
Accuracy
Temperature
Coefficient
Model
VO (V)
(mV)
(%)
(ppm/°C)
Package
Description
Package
Option
Top
Mark1
Number of
Parts per
Reel/Tray
Temperature
Range (°C)
ADR03AR
2.5
5
0.2
10
SOIC-8
R-8
ADR03
98
–40 to +125
ADR03AR-REEL7
2.5
5
0.2
10
SOIC-8
R-8
ADR03
1,000
–40 to +125
ADR03BR
2.5
2.5
0.1
3
SOIC-8
R-8
ADR03
98
–40 to +125
ADR03BR-REEL7
2.5
2.5
0.1
3
SOIC-8
R-8
ADR03
1,000
–40 to +125
ADR03AUJ-REEL7
2.5
5
0.2
25
TSOT-23-5
UJ-5
RFA
3,000
–40 to +125
ADR03AUJ-R2
2.5
5
0.2
25
TSOT-23-5
UJ-5
RFA
250
–40 to +125
ADR03BUJ-REEL7
2.5
2.5
0.1
9
TSOT-23-5
UJ-5
RFB
3,000
–40 to +125
ADR03BUJ-R2
2.5
2.5
0.1
9
TSOT-23-5
UJ-5
RFB
250
–40 to +125
ADR03AKS-REEL7
2.5
5
0.2
25
SC70
KS-5
RFA
3,000
–40 to +125
ADR03AKS-R2
2.5
5
0.2
25
SC70
KS–5
RFA
250
–40 to +125
ADR03BKS–REEL7
2.5
2.5
0.1
9
SC70
KS–5
RFB
3,000
–40 to +125
ADR03BKS–R2
2.5
2.5
0.1
9
SC70
KS–5
RFB
250
–40 to +125
ADR03BKSZ–REEL72
2.5
2.5
0.1
9
SC70
KS–5
RFB
3,000
–40 to +125
ADR03CRZ2
2.5
5
0.1
40
SOIC-8
R-8
ADR02
98
–40 to +125
ADR03CRZ-REEL2
2.5
5
0.1
40
SOIC-8
R-8
ADR02
2500
–40 to +125
1 First line shows part number ADR03; second line shows A or B for the grade, with the YYMM date code; third line shows the lot number.
2 Z = Pb-free part.
ADR06 ORDERING GUIDE
Output
Voltage
Initial
Accuracy
Temperature
Coefficient
Model
VO (V)
(mV)
(%)
(ppm/°C)
Package
Description
Package
Option
Top
Mark1
Number of
Parts per
Reel/Tray
Temperature
Range (°C)
ADR06AR
3.0
6
0.2
10
SOIC-8
R-8
ADR06
98
–40 to +125
ADR06AR-REEL7
3.0
3
0.2
10
SOIC-8
R-8
ADR06
1,000
–40 to +125
ADR06BR
3.0
6
01
3
SOIC-8
R-8
ADR06
98
–40 to +125
ADR06BR-REEL7
3.0
3
0.1
3
SOIC-8
R-8
ADR06
1,000
–40 to +125
ADR06AUJ-R2
3.0
6
0.2
25
TSOT-23-5
UJ-5
RWA
250
–40 to +125
ADR06AUJ-REEL7
3.0
6
0.2
25
TSOT-23-5
UJ-5
RWA
3,000
–40 to +125
ADR06BUJ–R2
3.0
3
0.1
9
TSOT-23-5
UJ-5
RWB
250
–40 to +125
ADR06BUJ-REEL7
3.0
3
0.1
9
TSOT-23-5
UJ-5
RWB
3,000
–40 to +125
ADR06AKS-R2
3.0
6
0.2
25
SC70
KS-5
RWA
250
–40 to +125
ADR06AKS-REEL7
3.0
6
0.2
25
SC70
KS–5
RWA
3,000
–40 to +125
ADR06BKS-R2
3.0
3
0.1
9
SC70
KS-5
RWB
250
–40 to +125
ADR06BKS–REEL7
3.0
3
0.1
9
SC70
KS–5
RWB
3,000
–40 to +125
ADR06CRZ2
3.0
6
0.2
40
SOIC-8
R-8
ADR06
98
–40 to +125
ADR06CRZ-REEL2
3.0
6
0.2
40
SOIC-8
R-8
ADR06
2500
–40 to +125
1 First line shows part number ADR06; second line shows A or B for the grade, with the YYMM date code; third line shows the lot number.
2 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C02747–0–7/04(F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com