Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IXFN120N65X2 Datasheet(PDF) 2 Page - IXYS Corporation

No. de pieza IXFN120N65X2
Descripción Electrónicos  Preliminary Technical Information
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFN120N65X2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFN120N65X2 Datasheet HTML 1Page - IXYS Corporation IXFN120N65X2 Datasheet HTML 2Page - IXYS Corporation IXFN120N65X2 Datasheet HTML 3Page - IXYS Corporation IXFN120N65X2 Datasheet HTML 4Page - IXYS Corporation IXFN120N65X2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXFN120N65X2
Note 1. Pulse test, t  300s, duty cycle, d 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
SOT-227B (IXFN) Outline
(M4 screws (4x) supplied)
PRELIMINARY TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
120
A
I
SM
Repetitive, Pulse Width Limited by T
JM
480
A
V
SD
I
F = IS , VGS = 0V, Note 1
1.4
V
t
rr
220
ns
Q
RM
2.3
μC
I
RM
21.0
A
I
F = 60A, -di/dt = 100A/s
V
R = 100V, VGS = 0V
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max
g
fs
V
DS = 10V, ID = 60A, Note 1
46
76
S
R
Gi
Gate Input Resistance
0.74
C
iss
14
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
8700
pF
C
rss
5.5
pF
C
o(er)
455
pF
C
o(tr)
1930
pF
t
d(on)
39
ns
t
r
26
ns
t
d(off)
82
ns
t
f
12
ns
Q
g(on)
240
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 60A
87
nC
Q
gd
65
nC
R
thJC
0.14
C/W
R
thCS
0.05
C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 60A
R
G = 1(External)
Effective Output Capacitance
Energy related
Time related
V
GS = 0V
V
DS = 0.8 • VDSS



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com