| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DP8572AMD/883 Datasheet(PDF) 8 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8572AMD/883 Datasheet(HTML) 8 Page - National Semiconductor (TI) |
|
8 / 22 page ![]() Functional Description The DP8572A contains a fast access real time clock inter- rupt control logic power fail detect logic and CMOS RAM All functions of the RTC are controlled by a set of seven registers A simplified block diagram that shows the major functional blocks is given in Figure 1 The blocks are described in the following sections 1 Real Time Clock 2 Oscillator Prescaler 3 Interrupt Logic 4 Power Failure Logic 5 Additional Supply Management The memory map of the RTC is shown in the memory ad- dressing table The memory map consists of two 31 byte pages with a main status register that is common to both pages A control bit in the Main Status Register is used to select either page Figure 2 shows the basic concept Page 0 contains all the clock timer functions while page 1 has scratch pad RAM The control registers are split into two separate blocks to allow page 1 to be used entirely as scratch pad RAM Again a control bit in the Main Status Register is used to select either control register block TLF9980 – 7 FIGURE 2 DP8572A Internal Memory Map 8 |