Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KBJ2005-KBJ Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No. de pieza KBJ2005-KBJ
Descripción Electrónicos  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Página de inicio  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

KBJ2005-KBJ Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  KBJ2005-KBJ Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD KBJ2005-KBJ Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
KBJ20005 thru KBJ2010
~ 266 ~
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ = 25℃
PULSE WIDTH 300us
0.1
0.01
1.0
0
0.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
100
1.8
10
1000
100
10
1.0
0.1
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL REVERSE CHARACTERISTICS
TJ=125
TJ=100
TJ=50
TJ=25
FIG.1-FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE,
°C
60
120
140
0
3
15
100
80
40
20
0
9
12
6
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
WITH HEATSINK
WITHOUT HEATSINK
NUMBER OF CYCLES AT 60Hz
FIG.2-MAXMUN NON-REPETITIVE
SURGE CURRENT
300
50
250
100
0
1
2
5
10
20
50
100
200
150
350
TJ=150
(JEDEC METHOD)
SINGLE -SINE- WAVE
Single Half-Sine- Wave
(JEDEC METHOD)
FIG.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(VOLTS)
10.0
100
1.0
1.0
10
100
TJ=25,f=1MHZ
www.yfwdiode.com



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com