Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ELM600-SERIES Datasheet(PDF) 5 Page - ELM Technology Corporation

No. de pieza ELM600-SERIES
Descripción Electrónicos  PWM step down DC/DC converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELM-TECH [ELM Technology Corporation]
Página de inicio  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM600-SERIES Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM600-SERIES Datasheet HTML 1Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 2Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 3Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 4Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 5Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 6Page - ELM Technology Corporation ELM600-SERIES Datasheet HTML 7Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
7 -
http://www.elm-tech.com
Rev.1.0
ELM600xB is constant frequency current mode PWM step down converter. ELM600xB is optimized for low
voltage, Li-ion battery, powered applications where high efficiency and small size are critical. The device inte-
grates both a main switch and a synchronous rectifier, which provides high efficiency and eliminates an external
Schottky diode. ELM600xB can achieve 100% duty cycle. The duty cycle D of a step down converter is defined
as:
D = Ton × Fosc × 100% ≈ (Vout/Vin) × 100%
Where Ton is the main switch on time, Fosc is the oscillator frequency (1.5MHz), Vout is the output voltage
and Vin is the input voltage.
1) Current mode PWM control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
superior load and line response and protection of the internal main switch and synchronous rectifier. ELM600xB
switches at a constant frequency (1.5MHz) and regulates the output voltage. During each cycle the PWM com-
parator modulates the power transferred to the load by changing the inductor peak current based on the feedback
error voltage. During normal operation, the main switch is turned on for a certain time to ramp the inductor cur-
rent at each rising edge of the internal oscillator, and switched off when the peak inductor current is above the
error voltage. When the main switch is off, the synchronous rectifier will be turned on immediately and stay on
until either the next cycle starts or the inductor current drops to zero. The device skips pulses to improve effi-
ciency at light load.
2) Dropout operation
ELM600xB allows the main switch to remain on for more than one switching cycle and increases the duty cy-
cle while the input voltage is dropping close to the output voltage. When the duty cycle reaches 100%, the main
switch is held on continuously to deliver current to the output up to the P MOSFET current limit. The output
voltage then is the input voltage minus the voltage drop across the main switch and the inductor.
3) Short circuit protection
ELM600xB has short circuit protection. When the output is shorted to ground, the oscillator frequency is re-
duced to prevent the inductor current from increasing beyond the P MOSFET current limit. The frequency will
return to the normal values once the short circuit condition is removed and the Vout reaches regulated voltage.
4) Maximum load current
ELM600xB can operate down to 2.5V input voltage; however the maximum load current decreases at lower
input due to large IR drop on the main switch and synchronous rectifier. The slope compensation signal reduces
the peak inductor current as a function of the duty cycle to prevent sub-harmonic oscillations at duty cycles
greater than 50%. Conversely the current limit increases as the duty cycle decreases.
■Application notes
ELM600xB 1A 1.5MHz high efficiency synchronous PWM step down DC/DC converter



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com