| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC4502ACDR Datasheet(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC4502ACDR Datasheet(HTML) 28 Page - Texas Instruments |
|
28 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9753701QPA ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 9753701QPA TLC4502M 5962-9753702QHA ACTIVE CFP U 10 1 TBD A42 N / A for Pkg Type -55 to 125 9753702QHA TLC4502AM 5962-9753702QPA ACTIVE CDIP JG 8 1 TBD A42 N / A for Pkg Type -55 to 125 9753702QPA TLC4502AM TLC4501ACD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501AC TLC4501AID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501AI TLC4501AIDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501AI TLC4501AQD PREVIEW SOIC D 8 TBD Call TI Call TI -40 to 125 TLC4501AQDR PREVIEW SOIC D 8 TBD Call TI Call TI -40 to 125 TLC4501CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501C TLC4501CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501C TLC4501ID ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501I TLC4501IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501I TLC4501IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501I TLC4501IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4501I TLC4501QD PREVIEW SOIC D 8 TBD Call TI Call TI -40 to 125 TLC4501QDR PREVIEW SOIC D 8 TBD Call TI Call TI -40 to 125 TLC4502ACD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4502AC TLC4502ACDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4502AC TLC4502ACDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 4502AC |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |