| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LP5900SD-2.7/NOPB Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5900SD-2.7/NOPB Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 30 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Aug-2016 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP5900SD-1.5 NRND WSON NGF 6 TBD Call TI Call TI -40 to 125 L15 LP5900SD-1.5/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L15 LP5900SD-1.8/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L17 LP5900SD-2.0/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L18 LP5900SD-2.2/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L19 LP5900SD-2.5 NRND WSON NGF 6 1000 TBD Call TI Call TI -40 to 125 L13 LP5900SD-2.5/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L13 LP5900SD-2.7/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L14 LP5900SD-2.8/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L12 LP5900SD-3.0/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L20 LP5900SD-3.3/NOPB ACTIVE WSON NGF 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L16 LP5900SDX-1.5/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L15 LP5900SDX-1.8/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L17 LP5900SDX-2.0/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L18 LP5900SDX-2.2/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L19 LP5900SDX-2.5/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L13 LP5900SDX-2.7/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L14 LP5900SDX-2.8/NOPB ACTIVE WSON NGF 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L12 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |