Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TLE2426MDREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLE2426MDREP
Descripción Electrónicos  RAIL SPLITTER PRECISION VIRTUAL GROUND
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2426MDREP Datasheet(HTML) 3 Page - Texas Instruments

  TLE2426MDREP Datasheet HTML 1Page - Texas Instruments TLE2426MDREP Datasheet HTML 2Page - Texas Instruments TLE2426MDREP Datasheet HTML 3Page - Texas Instruments TLE2426MDREP Datasheet HTML 4Page - Texas Instruments TLE2426MDREP Datasheet HTML 5Page - Texas Instruments TLE2426MDREP Datasheet HTML 6Page - Texas Instruments TLE2426MDREP Datasheet HTML 7Page - Texas Instruments TLE2426MDREP Datasheet HTML 8Page - Texas Instruments TLE2426MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TLE2426EP
RAIL SPLITTER
PRECISION VIRTUAL GROUND
SGLS345 − JUNE 2006
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VI = 5 V, IO = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VI = 4 V
1.98
2
2.02
Output voltage
VI = 5 V
25
°C
2.48
2.5
2.52
V
Output voltage
VI = 40 V
25 C
19.8
20
20.2
V
VI = 5 V
Full range
2.465
2.535
Temperature coefficient of output
Full range
25
ppm/
°C
Temperature coefficient of output
voltage
Full range
25
ppm/
°C
VI = 5 V
25
°C
170
300
Supply current
No load
VI = 4 to 40 V
25
°C
350
µA
Supply current
No load
VI = 4 to 40 V
Full range
400
µA
Output voltage regulation
IO = 0 to − 10 mA
25
°C
−0.102
±0.7
Output voltage regulation
(sourcing current)‡
IO = 0 to − 10 mA
Full range
±10
mV
(sourcing current)‡
IO = 0 to − 20 mA
25
°C
−0.121
±1.4
mV
Output voltage regulation
IO = 0 to 10 mA
25
°C
0.049
±0.5
Output voltage regulation
(sinking current)‡
IO = 0 to 8 mA
Full range
±10
mV
(sinking current)‡
IO = 0 to 20 mA
25
°C
0.175
±1.4
mV
Output impedance‡
25
°C
7.5
22.5
m
Ω
Noise-reduction impedance
25
°C
110
k
Ω
Short-circuit current
Sinking current, VO = 5 V
25
°C
26
mA
Short-circuit current
Sourcing current, VO = 0
25
°C
−47
mA
Output noise voltage, rms
f = 10 Hz to 10 kHz
CNR = 0
25
°C
120
V
Output noise voltage, rms
f = 10 Hz to 10 kHz
CNR = 1 µF
25
°C
30
µV
VO to 0.1%, IO = ± 10 mA
CL = 0
25
°C
290
Output voltage current step response
VO to 0.1%, IO = ± 10 mA
CL = 100 pF
25
°C
275
s
Output voltage current step response
VO to 0.01%, IO = ± 10 mA
CL = 0
25
°C
400
µs
VO to 0.01%, IO = ± 10 mA
CL = 100 pF
25
°C
390
Step response
VI = 0 to 5 V, VO to 0.1%
CL = 100 pF
25
°C
20
µs
Step response
VI = 0 to 5 V, VO to 0.01%
CL = 100 pF
25
°C
120
µs
† Full range is −55°C to 125°C.
‡ The listed values are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15