Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

0731485003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 0731485003
Descripción Electrónicos  50 Ohms, BNC Tee, Jack/Plug/Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0731485003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0731485003 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/08/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0731485003
Status:
Active
Overview:
BNC RF Connectors
Description:
50 Ohms, BNC Tee, Jack/Plug/Jack
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73148
Overview
BNC RF Connectors
Product Name
BNC
Style
Adapter
UPC
800754314015
Wire/Cable Type
N/A
Physical
Cable Attachment
N/A
Gender
Jack/Plug/Jack
Keying to Mating Part
None
Net Weight
18.863/g
Orientation
Tee
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73148-5003
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73148 Series
This document was generated on 08/08/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Número de pieza similar - 0731485003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0731485003 MOLEX-0731485003_V01 Datasheet
31Kb / 1P
50 Ohms, BNC Tee, Jack/Plug/Jack
More results

Descripción similar - 0731485003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE9243 PASTERNACK-PE9243 Datasheet
76Kb / 1P
SMB TEE, JACK-PLUG-JACK
PE9279 PASTERNACK-PE9279 Datasheet
252Kb / 3P
BNC Twinax Tee Adapter Jack-Jack-Jack
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
BNC Twinax Tee Adapter Jack-Plug-Jack
logo
Tyco Electronics
5-1634526-1 MACOM-5-1634526-1 Datasheet
62Kb / 1P
BNC ELBOW ADAPTOR PLUG - JACK 50 OHMS
logo
Molex Electronics Ltd.
73171-0342 MOLEX11-73171-0342 Datasheet
33Kb / 1P
50 Ohms, BNC Jack to BNC Jack In-line Adapter
0731710342 MOLEX11-0731710342 Datasheet
29Kb / 1P
50 Ohms, BNC Jack to BNC Jack In-line Adapter
logo
Rosenberger Hochfrequen...
51S201-K00N5 ROSENBERGER-51S201-K00N5 Datasheet
51Kb / 2P
BNC 50 plug - jack
51S301-K00N5 ROSENBERGER-51S301-K00N5 Datasheet
52Kb / 2P
ADAPTOR BNC 50 jack ??plug - jack
51S303-K00N5 ROSENBERGER-51S303-K00N5 Datasheet
42Kb / 2P
adaptor BNC 50 plug ??jack - jack
logo
Molex Electronics Ltd.
0731485003 MOLEX-0731485003_V01 Datasheet
31Kb / 1P
50 Ohms, BNC Tee, Jack/Plug/Jack
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com