| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SWB2010-PCL Datasheet(PDF) 2 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
SWB2010-PCL Datasheet(HTML) 2 Page - Coilcraft lnc. |
|
2 / 2 page ![]() US UK Taiwan China Singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-europe.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg © Coilcraft Inc. 2016 This product may not be used in medical or high risk applications without prior Coilcraft approval. Specification subject to change without notice. Please check web site for latest information. Wideband RF Transformers– SWB Document 1070-2 Dot over Pin #1 Dot over Pin #1 0.310 7,87 0.310 7,87 max max 0.225 5,72 0.225 5,72 0.100 2,54 0.025 0,64 0.100 2,54 0.012 × 0.020 0,30 × 0,50 Part number Internal codes 0.30 7,62 0.100 2,54 0.100 2,54 max max 0.025 0,64 dia typ typ For SSWB10XX, pins 2 and 5 are removed during manufacture. For SWB20XX, pin 2 is removed during manufacture. max 1 2 3 6 5 4 typ typ Part Marking Recommended Board Layout 0.03 0,76 0.06 1,52 0.520 13,2 0.402 10,2 0.10 2,5 0.10 2,5 1 2 3 6 5 4 Recommended Land Pattern 0.520 ±0.010 13,21 ±0,25 0.300 ±0.010 7,62 ± 0,25 max 0.270 6,86 max 0.270 6,86 0.400 10,16 typ 0.157 4,0 SWBxxxx XXXX Y 0.020 0,50 typ 0 5 10 15 2.5 5102050 100 200 IDC (mA) 10 MHz Typical Attenuation vs Current Typical Frequency Response Dimensions are in inches mm Attenuation measured on a network analyzer (re: 50 Ohms) Document 1070-2 Revised 04/25/16 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 7 8 0 1 2 3 4 5 6 7 8 0.001 0.01 0.01 0.01 0.01 0.10 0.10 0.10 0.10 1.0 01.0 1.0 1.0 10 10 10 10 100 100 100 100 1000 1000 1000 Frequency (MHz) Frequency (MHz) Frequency (MHz) Frequency (MHz) SWB1010, SWB2010, SWB3010 SWB1010-1, SWB2010-1, SWB3010-1 SWB1015, SWB3015 SWB1040, SWB2040, SWB3040 3 dB bandwidth 0.005 – 100 MHz 3 dB bandwidth 0.04 175 MHz – 3 dB bandwidth 0.1 150 MHz –3 dB bandwidth 0.2 300 MHz – DCN-736 Wideband RF Transformers – SWB Document 1070-1 4.5mm +/-0.25mm to 4.0mm +/-0.25mm |