| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP102 Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP102 Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 32 page ![]() 2004-2016 Microchip Technology Inc. DS20001889F-page 25 MCP111/112 FIGURE 5-3: TO-92 Devices. FIGURE 5-4: SOT-89 Devices. Device Marking P Seal Tape Back Tape MARK FACE User Direction of Feed W MARK FACE MARK FACE Note: Bent leads are for Tape and Reel only. Pin 1 User Direction of Feed P, Pitch Standard Reel Component Orientation Reverse Reel Component Orientation W, Width of Carrier Tape Pin 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |