| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP111-240E/TO Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP111-240E/TO Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 32 page ![]() 2004-2016 Microchip Technology Inc. DS20001889F-page 13 MCP111/112 5.0 PACKAGING INFORMATION 5.1 Package Marking Information 3-Lead SOT-23 3-Lead TO-92 Example: Device Code MCP111T-195I/TT MPNN MCP111T-240ETT MQNN MCP111T-270E/TT MGNN MCP111T-290E/TT NHNN MCP111T-300E/TT MJNN MCP111T-315E/TT MKNN MCP111T-450E/TT MLNN MCP111T-475E/TT MMNN MCP112T-195I/TT MRNN MCP112T-240ETT MSNN MCP112T-270E/TT MANN MCP112T-290E/TT MBNN MCP112T-300E/TT MCNN MCP112T-315E/TT MDNN MCP112T-450E/TT MENN MCP112T-475E/TT MFNN Example: Legend: XX...X Customer-specific information Y Year code (last digit of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e YWWNNN XXXXXX XXXXXX XXXXXX MCP111 240E TO^^ 626256 3 e Device Code MCP111-240E/TO 240E MCP111-270E/TO 270E MCP111-290E/TO 290E MCP111-300E/TO 300E MCP111-315E/TO 315E MCP111-450E/TO 450E MCP111-475E/TO 475E MCP111-195I/TO 195I XXNN MP25 |