Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GF2D Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

No. de pieza GF2D
Descripción Electrónicos  SURFACE MOUNT SINTERED GLASS PASSIVATED RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

GF2D Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  GF2D Datasheet HTML 1Page - SUNMATE electronic Co., LTD GF2D Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SURFACE MOUNT SINTERED GLASS PASSIVATED RECTIFIER DIODE
GF2M
GF2K
GF2J
GF2G
GF2D
GF2B
GF2A
GF2A - GF2M
Case: SMB(DO-214AA)Molded Plastic
16
°C/W
30
pF
200
1.1
V
60
A
2.0
A
= 2.0A
VOLTAGE RANGE: 50 - 1000V
CURRENT: 2.0 A
Features
@TA = 25°C unless otherwise specified
Notes:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2. Thermal Resistance Junction to Terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pads as heat sink.
Glass Passivated Die Construction
Low Forward Voltage Drop and High Current
Capability
Ideally Suited for Automated Assembly
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TT = 100°C
I(AV)
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
Forward Voltage
@ IF
VFM
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
µA
Typical Total Capacitance (Note 1)
CT
Typical Thermal Resistance, Junction to Terminal
(Note 2)
RqJT
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Mechanical Data
Case Material - UL Flammability Rating
Classification 94V-0
!
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band or Cathode Notch
Maximum Ratings and Electrical Characteristics
Weight: 0.093 grams (approx.)
!
!
!
!
!
!
1 of 2
www.sunmate.tw
Characteristic
Symbol
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J


Número de pieza similar - GF2D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAITRON Components Inco...
GF2D TAITRON-GF2D Datasheet
213Kb / 4P
2.0A Surface Mount Sintered Glass Passivated Rectifier
logo
Zibo Seno Electronic En...
GF2D ZSELEC-GF2D Datasheet
74Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Descripción similar - GF2D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
2W005G ZOWIE-2W005G Datasheet
47Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
GP10A ZOWIE-GP10A Datasheet
60Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Comchip Technology
CGPA10MM COMCHIP-CGPA10MM Datasheet
61Kb / 2P
Glass Passivated Sintered Rectifier
logo
TAITRON Components Inco...
GF1A TAITRON-GF1A Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
GF1Q TAITRON-GF1Q Datasheet
150Kb / 5P
1.0A Surface Mount Sintered Glass Passivated Rectifier
GF2A TAITRON-GF2A Datasheet
213Kb / 4P
2.0A Surface Mount Sintered Glass Passivated Rectifier
GF3AB TAITRON-GF3AB Datasheet
202Kb / 5P
3.0A Surface Mount Sintered Glass Passivated Rectifier
logo
Zowie Technology Corpor...
BYD17ZDH ZOWIE-BYD17ZDH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
BYD17ZH ZOWIE-BYD17ZH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
AUBYD17ZDH ZOWIE-AUBYD17ZDH Datasheet
47Kb / 2P
Sintered Glass Passivated Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com