| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CL-194S-HB8-R Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD. |
|
|
|||||||||||||||||||||||||||||
CL-194S-HB8-R Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD. |
|
1 / 2 page ![]() 24 CITIZEN ELECTRONICS CO., LTD. JAPAN 2012.7 1. InGaN 系 LED 素子を用いた超高輝度チップ LED です。 2. 発光色は青色、青緑色、緑色。 1. Ultra-brightness chip LED using InGaN type LED dice. 2. Light emitted is blue, blue-green or green. 本 LED は、静電気に対して非常に敏感です。取扱い時には 十分な静電気・サージ対策を施してください。 These LEDs are highly susceptible to static electricity. Take thorough precautions against static electricity and surges when handling these chip LEDs. ■ 特徴 Features 取扱上の注意/ Precautions ■ 取扱上の注意 Precautions 超高輝度青色・緑色LED HB8・HG8 Uitra-Brightness Blue or Green LED HB8, HG8 ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ●絶対最大定格 Absolute Maximum Rating (Ta 25℃) *1 IFPの条件はduty 1/ 10 、 パルス巾30msecです。 *1 Conditions for IFP are pulse of 1/ 10 duty and 30msec width. ●電気的光学的特性 Electro-optical Characteristics VF λd Δλ IV※ Product code IF typ max typ typ IF min typ (mA) (V) (V) (nm) (nm) (mA) (mcd) (mcd) <HB8> (Ta 25℃) ※NIST規格に準拠 Per NIST standards VF λd Δλ IV※ Product code IF typ max typ typ IF min typ (mA) (V) (V) (nm) (nm) (mA) (mcd) (mcd) <HG8> (Ta 25℃) ※NIST規格に準拠 Per NIST standards Pd IF IFP VR Top Tst Die type (mW) (mA) (mA) (V) ( 。 C) ( 。 C) HB8 76 20 100*1 5 -25~+80 -30~+85 HG8 76 20 100*1 5 -25~+80 -30~+85 CL-194-HB8 5 2.9 3.15 470 26 5 45 65 CL-194S-HB8-R 5 2.9 3.15 470 26 5 45 65 CL-198-HB8 5 2.9 3.15 470 26 5 50 65 CL-482-HB8 5 2.9 3.15 470 26 5 22 32 CL-194-HG8 5 2.9 3.4 530 35 5 120 240 CL-198-HG8 5 2.9 3.4 530 35 5 120 240 CL-482-HG8 5 2.9 3.4 530 35 5 70 150 |
Número de pieza similar - CL-194S-HB8-R |
|
Descripción similar - CL-194S-HB8-R |