| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LPV324DR Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LPV324DR Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 17 page ![]() LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT OPERATIONAL AMPLIFIERS SLOS433H − FEBRUARY 2004 − REVISED OCTOBER 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions MIN MAX UNIT VCC Supply voltage 2.7 5 V TA Operating free-air temperature LPV3xx −40 85 °C TA Operating free-air temperature LPV3xxI −40 125 °C ESD protection TEST CONDITIONS TYP UNIT Human-Body Model 2 kV Machine model 200 V Charged-Device Model 1 kV |