| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VT8231 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers |
|
30 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -24- Pinouts 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW General Purpose Outputs Signal Name Pin # I/O Signal Description GPO0 / SLOWCLK R4 O / O General Purpose Output 0. (Func 4 Rx54[1-0] = 00). Output value determined by PMU I/O Rx4C[0] GPO1 / SUSA# P1 O / O General Purpose Output 1. GPO2 / SUSB# P2 O / O General Purpose Output 2. GPO3 / SUSST1# N5 O / O General Purpose Output 3. GPO4 / SUSCLK P4 O / O General Purpose Output 4. GPO5 / CPUSTP# W2 O / O General Purpose Output 5. GPO6 / PCISTP# W1 O / O General Purpose Output 6. GPO7 / SLP# U6 O / O General Purpose Output 7. GPO8 / SD9 / HGNT1# W11 O / IO / O General Purpose Output 8. GPO9 / SD11 / HGNT2# T10 O / IO / O General Purpose Output 9. GPO10 / SD13 / LGNT1# Y10 O / IO / O General Purpose Output 10. GPO11 / SD15 / LGNT2# V10 O / IO / O General Purpose Output 11. GPO12 General Purpose Output 12. GPO13 General Purpose Output 13. GPO14 / IRTX R8 O / O General Purpose Output 14 (Rx76[5] = 1) GPO15 / IRRX U8 O / I General Purpose Output 15 (Rx76[5] = 1) GPO16 / PCS0# Y6 O / O General Purpose Output 16. GPO17 / MCCS# W6 O / O General Purpose Output 17. GPO18 / GPI18 / FAN2 / SLPBTN# K3 O / I / I / I General Purpose Output 18. GPO19 / GPI19 / PCS1# / ACSDIN2 J1 O / I / O / I General Purpose Output 19. GPO20 / LA20 / USBOC2# W13 O / IO / I General Purpose Output 20. GPO21 / LA21 / USBOC3# Y13 O / IO / I General Purpose Output 21. GPO22 / IOR# U7 O / O General Purpose Output 22. GPO23 / IOW# T7 O / O General Purpose Output 23. GPO24 / GPI24 / GPIOA V2 O / I / IO General Purpose Output 24. GPO25 / GPI25 / GPIOC / ATEST J2 O / I / IO / O General Purpose Output 25. GPO26 / GPI26 / SMBDT2 R2 O / I / IO General Purpose Output 26. GPO27 / GPI27 / SMBCK2 R1 O / I / IO General Purpose Output 27. GPO28 / GPI28 / APICD0 / APICCS# W4 O / I / O / O General Purpose Output 28. GPO29 / GPI29 / APICD1 / APICACK# Y4 O / I / O / O General Purpose Output 29. GPO30 / GPI30 / GPIOD / DTEST / SCIOUT# Y1 O / I / IO / O / O General Purpose Output 30. GPO31 / GPI31 / GPIOE W3 O / I / IO General Purpose Output 31. |