| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VT8231 Datasheet(PDF) 122 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
VT8231 Datasheet(HTML) 122 Page - List of Unclassifed Manufacturers |
|
122 / 132 page ![]() VT8231 Preliminary Revision 0.8 October 29, 1999 -116- Function 5 & 6 Registers - AC97 Audio & Modem Codecs 7HFKQRORJLHV ,QF :H &RQQHFW :H &RQQHFW Offset E3-E0 – AC97 Controller Command / Status......RW 31-30 Codec ID ......................................................... RW 00 Select Primary Codec 01 Select Secondary Codec 01 10 Select Secondary Codec 10 11 -reserved- 29 Reserved ........................................ always reads 0 28 AC97 Controller Busy ......................................... RO 0 Primary Codec is ready for a register access command 1 AC97 Controller is sending a command to the primary codec (commands are not accepted) 27 Reserved ........................................ always reads 0 26 Secondary Codec 2 Data / Status Valid...........RWC 0 Not Valid 1 Valid (OK to Read bits 0-23) 25 Secondary Codec 1 Data / Status Valid...........RWC 0 Not Valid 1 Valid (OK to Read bits 0-23) 24 Primary Codec Data / Status Valid .................RWC 0 Not Valid 1 Valid (OK to Read bits 0-23) 23 Codec Command Register Read/Write Mode .. RW 0 Select Codec command register write mode 1 Select Codec command register read mode 22-16 Codec Command Register Index [7:1] .............. RW Index of the AC97 codec command register to access (in the attached codec). Data must be written before or at the same time as Index as writing to the index triggers the AC97 controller to access the addressed codec register over the AC-link interface. 15-0 Codec Command Register Data / Status ........... RW W Codec Command Register Data R Codec Status Register Data Offset F3-F0 – SGD Status Shadow ................................. RO 31 Reserved ........................................ always reads 0 30 Write Chan 1 SGD STOP Shadow........... (Rx70[2]) 29 Write Chan 1 SGD EOL Shadow............. (Rx70[1]) 28 Write Chan 1 SGD FLAG Shadow .......... (Rx70[0]) 27 Reserved ........................................ always reads 0 26 Write Chan 0 SGD STOP Shadow........... (Rx60[2]) 25 Write Chan 0 SGD EOL Shadow............. (Rx60[1]) 24 Write Chan 0 SGD FLAG Shadow .......... (Rx60[0]) 23 Reserved ........................................ always reads 0 22 FM Read Chan SGD STOP Shadow ....... (Rx50[2]) 21 FM Read Chan SGD EOL Shadow ......... (Rx50[1]) 20 FM Read Chan SGD FLAG Shadow ....... (Rx50[0]) 19 Reserved ........................................ always reads 0 18 3D Read Chan SGD STOP Shadow ......... (Rx40[2]) 17 3D Read Chan SGD EOL Shadow ........... (Rx40[1]) 16 3D Read Chan SGD FLAG Shadow ........ (Rx40[0]) 15 Reserved ........................................ always reads 0 14 DX3 Read Chan SGD STOP Shadow ...... (Rx30[2]) 13 DX3 Read Chan SGD EOL Shadow ........ (Rx30[1]) 12 DX3 Read Chan SGD FLAG Shadow ..... (Rx30[0]) 11 Reserved ........................................ always reads 0 10 DX2 Read Chan SGD STOP Shadow ...... (Rx20[2]) 9 DX2 Read Chan SGD EOL Shadow ........ (Rx20[1]) 8 DX2 Read Chan SGD FLAG Shadow ..... (Rx20[0]) 7 Reserved ........................................ always reads 0 6 DX1 Read Chan SGD STOP Shadow ...... (Rx10[2]) 5 DX1 Read Chan SGD EOL Shadow ........ (Rx10[1]) 4 DX1 Read Chan SGD FLAG Shadow ..... (Rx10[0]) 3 Reserved ........................................ always reads 0 2 DX0 Read Chan SGD STOP Shadow ...... (Rx00[2]) 1 DX0 Read Chan SGD EOL Shadow ........ (Rx00[1]) 0 DX0 Read Chan SGD FLAG Shadow ..... (Rx00[0]) |