Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

93PR10KLF Datasheet(PDF) 2 Page - Bi technologies

No. de pieza 93PR10KLF
Descripción Electrónicos  1/2 Diameter Single Turn Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BITECH [Bi technologies]
Página de inicio  http://www.bitechnologies.com
Logo BITECH - Bi technologies

93PR10KLF Datasheet(HTML) 2 Page - Bi technologies

  93PR10KLF_12 Datasheet HTML 1Page - Bi technologies 93PR10KLF_12 Datasheet HTML 2Page - Bi technologies 93PR10KLF_12 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 93
1-88
TOP ADJUSTMENT (Inch/mm)
10
0
50
Slot .250
± .005/6.350 ± 0.127 Long
X .030
X .035
/0.762
/0.889
+.000
– .005
+.000
– .005
Wide
Deep
+0.000
– 0.127
+0.000
– 0.127
Arrow And Graduations
In Contrasting Color
.028
± .003/0.711 ± 0.076 Dia
Solderable Terminal Pins
(2)
(3)
.10
2.54
.10
2.54
.20
5.08
.50
12.70
Dia
(1)
Standoff
Feet
Resistance Marked
On This Surface
.18
4.57
Min
.25
6.35
Max
STANDARD RESISTANCE VALUES, OHMS
20
200
2K
20K
100K
500K
50
500
5K
25K
200K
1Meg
100
1K
10K
50K
250K
2Meg



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com