Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8272VR Datasheet(PDF) 40 Page - Motorola, Inc

No. de pieza MPC8272VR
Descripción Electrónicos  MPC8272 PowerQUICC II Family Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8272VR Datasheet(HTML) 40 Page - Motorola, Inc

Back Button MPC8272VR Datasheet HTML 36Page - Motorola, Inc MPC8272VR Datasheet HTML 37Page - Motorola, Inc MPC8272VR Datasheet HTML 38Page - Motorola, Inc MPC8272VR Datasheet HTML 39Page - Motorola, Inc MPC8272VR Datasheet HTML 40Page - Motorola, Inc MPC8272VR Datasheet HTML 41Page - Motorola, Inc MPC8272VR Datasheet HTML 42Page - Motorola, Inc MPC8272VR Datasheet HTML 43Page - Motorola, Inc MPC8272VR Datasheet HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
40
MPC8272 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Pinout
Pinout
Table 19 shows the pinout of the MPC8272. Note that the pins in the ‘MPC8272/8271 only” column relate
to Utopia functionality.
Table 19. Pinout
Pin Name
Ball
MPC8272/MPC8248 and
MPC8271/MPC8247
MPC8272/MPC8271 only
BR
A19
BG/IRQ6
D2
ABB/IRQ2
C1
TS
D1
A0
A3
A1
B5
A2
D8
A3
C6
A4
A4
A5
A6
A6
B6
A7
C7
A8
B7
A9
A7
A10
D9
A11
E11
A12
C9
A13
B9
A14
D11
A15
A9
A16
B10
A17
A10
A18
B11
A19
A11
A20
D12
A21
A12
A22
D13
A23
B13
A24
C13
A25
C14
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56