| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
J409 Datasheet(PDF) 11 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
J409 Datasheet(HTML) 11 Page - Pulse A Technitrol Company |
|
11 / 12 page ![]() G003.U (2/07) www.pulseeng.com 37 1. Configuration: T = Transformer, F = Low Pass Filter, C = Choke, R = Pre-distortion Resistors 2. Turns Ratio is referenced chip side to media side. 3. Package Styles: DIL (Dual-In-Line Package), SIL (Single-In-Line Package), SMT (Surface Mount Package), PCMCIA (Ultra Low Profile–SMT) LSI L64381 FL1020 Single Port R, F, T, C R, F, T, C 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1020 80C24 E2004 Single Port R, F, T, C R, F, T 1CT:1 1CT:1 SMT 1.000 / .500 / .230 E115 PE-68017S Single Port F, T, C F, T, C 1CT:1 1CT:1 SIL 1.000 / .210 / .450 E104 SF1012 Single Port F, T, C F, T, C 1:1 1:1 SMT 1.010 / .380 / .246 SF1012 PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 FL1012 Single Port F, T, C F, T 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1012 PE-68056 Single Port F, T, C F, T 1CT:1 1CT:1 SMT .930 / .510 / .230 E115 PE-68032 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 Lucent T7213, T7241A FL1020 Single Port R, F, T, C R, F, T, C 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1020 PE-68017S Single Port F, T, C F, T, C 1CT:1 1CT:1 SIL 1.000 / .210 / .450 E104 SF1012 Single Port F, T, C F, T, C 1:1 1:1 SMT 1.010 / .380 / .246 SF1012 PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 FL1012 Single Port F, T, C F, T 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1012 PE-68056 Single Port F, T, C F, T 1CT:1 1CT:1 SMT .930 / .510 / .230 E115 PE-68032 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 MicroLinear ML2652, ML2653, 23Z435 Single Port T T 2CT:1CT 1CT:1CT DIL .800 / .340 / .250 EC100 ML4652, ML4658 23Z435SM Single Port T T 2CT:1CT 1CT:1CT SMT .450 / .360 / .215 EC100 PE-68052 Single Port T, C T 2CT:1CT 1CT:1CT SMT .500 / .370 / .200 EC100 Motorola MC68160 FL1020 Single Port R, F, T, C R, F, T, C 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1020 E2007 Single Port R, F, T, C R, F, T 1CT:1 1CT:1 SMT 1.000 / .500 / .230 E115 PE-68017S Single Port F, T, C F, T, C 1CT:1 1CT:1 SIL 1.000 / .210 / .450 E104 SF1012 Single Port F, T, C F, T, C 1:1 1:1 SMT 1.010 / .380 / .246 SF1012 PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 FL1012 Single Port F, T, C F, T 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1012 PE-68056 Single Port F, T, C F, T 1CT:1 1CT:1 SMT .930 / .510 / .230 E115 PE-68032 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 National DP83901A FL1020 Single Port R, F, T, C R, F, T, C 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1020 Semiconductor DP83902A, DP83902 E2001 Single Port R, F, T, C R, F, T 1CT:1 1CT:1 SMT 1.000 / .500 / .230 E115 DP83905, DP83934 PE-68017S Single Port F, T, C F, T, C 1CT:1 1CT:1 SIL 1.000 / .210 / .450 E104 SF1012 Single Port F, T, C F, T, C 1:1 1:1 SMT 1.010 / .380 / .246 SF1012 PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 FL1012 Single Port F, T, C F, T 1CT:1CT 1CT:1CT DIL 1.000 / .400 / .338 FL1012 PE-68056 Single Port F, T, C F, T 1CT:1 1CT:1 SMT .930 / .510 / .230 E115 PE-68032 Single Port F, T, C F, T 1CT:1 1CT:1 PCMCIA .800 / .675 / .094 E103 DP83907, DP83924A E5002 Quad Port T, C T, C 1CT:2CT 1:1 SMT 1.125 / .640 / .230 E116 23Z467SM Single Port T, C T, C 1CT:2CT 1CT:1CT SMT .450 / .360 / .215 EC100 ST4202T Single Port T, C T, C 1CT:2CT 1CT:1CT SMT .447 / .360 / .223 ST4202T Realtek RTL8301 PE-68049L Quad Port T, C T 1CT:1CT 1:1 SMT 1.125 / .640 / .230 EC101 RTL8019AS PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 RTL8029AS PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 RTL8301 PE-68049L Quad Port T, C T 1CT:1CT 1:1 SMT 1.125 / .640 / .230 EC101 SMSC LAN91C46 PE-68026 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 LAN91C91 EX2001 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930/.510/.230 E112 LAN91C96 PE-68056 Single Port F, T, C F, T 1CT:1CT 1CT:1CT SMT .930 / .510 / .230 E115 EX2001 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930/.510/.230 E112 E2009 Single Port F, T, C F, T 1CT:1.414 1CT:1 SMT 1.000 / .500 / .230 E115 LAN91C111 EX2001 Single Port F, T, C F, T, C 1CT:1CT 1CT:1CT SMT .930/.510/.230 E112 Texas TNETE100A 23Z356SM Single Port T, C T, C 1CT:1.414CT 1CT:1CT SMT .450 / .360 / .215 EC100 Instruments PE-65745 Single Port T T 1CT:1.414CT 1CT:1CT SMT .500 / .370 / .200 EC100 PE-68048 Single Port T, C T 1CT:1.414CT 1CT:1CT SMT .500 / .370 / .200 EC100 TNETE2004 PE-68062L Quad Port T, C T 1CT:1.414CT 1:1 SMT 1.125 / .640 / .230 EC101 PE-68065L Quad Port T T 1CT:1.414CT 1:1 SMT 1.125 / .640 / .230 EC101 23Z356SM Single Port T, C T, C 1CT:1.414CT 1CT:1CT SMT .450 / .360 / .215 EC100 PE-65745 Single Port T T 1CT:1.414CT 1CT:1CT SMT .500 / .370 / .200 EC100 PE-68048 Single Port T, C T 1CT:1.414CT 1CT:1CT SMT .500 / .370 /.200 EC100 TNETE2008 PE-68049L Quad Port T, C T 1CT:1CT 1:1 SMT 1.125 / .640 / .230 EC101 E5008 Quad Port T, C T 1CT:1CT 1:1 SMT 1.125 / .640 / .230 E117 NOTE: ICs are in groups. Each group works with all adjacent Pulse parts. *L/W/H is measured on surface mount parts tip to tip (height includes wash area). DISCRETE COMPONENTS IC IC Pulse Ports Configuration 1 Turns Ratio 2 Package Data Manufacturer Part No. Part No. Supported TX RX TX RX Style 3 L/W/H (in)* Sheet LAN 10BASE-T IC CROSS REFERENCE (continued) LAN 10BASE-T IC Cross Reference |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |