Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74HC164 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza 74HC164
Descripción Electrónicos  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC164 Datasheet(HTML) 1 Page - Diodes Incorporated

  74HC164 Datasheet HTML 1Page - Diodes Incorporated 74HC164 Datasheet HTML 2Page - Diodes Incorporated 74HC164 Datasheet HTML 3Page - Diodes Incorporated 74HC164 Datasheet HTML 4Page - Diodes Incorporated 74HC164 Datasheet HTML 5Page - Diodes Incorporated 74HC164 Datasheet HTML 6Page - Diodes Incorporated 74HC164 Datasheet HTML 7Page - Diodes Incorporated 74HC164 Datasheet HTML 8Page - Diodes Incorporated 74HC164 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
74HC164
Document number: DS36279 Rev. 2- 2
1 of 10
www.diodes.com
March 2015
© Diodes Incorporated
74HC164
400
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Description
The 74HC164 is a serial input 8-bit edge-triggered shift register that
has outputs from each of eight stages.
SERIAL DATA INPUT PINS
The serial input data is entered at pin SDA or pin SDB as these are
logically ANDED. Either input could be used as an active HIGH
enable with data entry on the other pin. If a single input is desired, the
pins can be tied together or the unused input can be tied HIGH.
DATA ENTRY
Data is shifted into Q0 from the serial input pins on each LOW to
HIGH transition of the CP pin. Also during the CP edge the data is
transferred from each Qn to Qn+1.
The serial data on pins DSA and
DSB must be stable before and after the CP rising edge to meet the
set-up and hold timing requirements.
RESET
When asserted LOW the Master Reset ( MR ) pin sets all Qn to LOW.
This action does not depend on the condition of serial input or clock
pins. The MR must be asserted HIGH for a recovery time before the
next CP positive edge pulse.
Features
Wide Supply Voltage Range from 2.0V to 6.0V
Sinks or Sources 4mA at VCC = 4.5V
CMOS Low Power Consumption
Schmitt Trigger Action at all Inputs
ESD Protection Exceeds JESD 22
200-V Machine Model (A115)
2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Range of Package Options SO-14 and TSSOP-14
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and An
timony Free. “Green” Device (Note 3)
Pin Assignments
1
3
2
4
5
6
7
DSA
Q0
DSB
Q3
8
Q7
Q5
Q6
MR
Vcc
( Top View )
SO-14 / TSSOP-14 / PDIP-14
GND
13
14
12
11
10
9
Q2
CP
Q4
Q1
Applications
General Purpose Logic
Wide Array of Products Such as:
PCs, Networking, Notebooks, Netbooks
Computer Peripherals, Hard Drives, CD/DVD ROM
TV, DVD, DVR, Set-Top Box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Device Ordering Information is on Page 7


Número de pieza similar - 74HC164

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74HC164 PHILIPS-74HC164 Datasheet
54Kb / 8P
8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
logo
STMicroelectronics
74HC164 STMICROELECTRONICS-74HC164 Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
logo
Texas Instruments
74HC164 TI-74HC164 Datasheet
109Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
System Logic Semiconduc...
74HC164 SLS-74HC164 Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Fairchild Semiconductor
74HC164 FAIRCHILD-74HC164 Datasheet
74Kb / 7P
8-Bit Serial-in/Parallel-out Shift Register
More results

Descripción similar - 74HC164

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
8-Bit Parallel-Out Serial Shift Registers
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
8-Bit Parallel-Out Serial Shift Registers
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com