| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM317HVT Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM317HVT Datasheet(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 15 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. (Note 4) Power Dissipation Internally limited Input — Output Voltage Differential +60V, −0.3V Operating Junction Temperature Range LM117HV −55˚C to +150˚C LM317HV 0˚C to +125˚C Storage Temperature −65˚C to +150˚C Lead Temperature (Soldering, 10 sec.) 300˚C ESD Tolerance (Note 5) 2000V Electrical Characteristics (Note 2) Parameter Conditions LM117HV LM317HV Units Min Typ Max Min Typ Max Line Regulation T J = 25˚C, 3V ≤ VIN −VOUT ≤ 60V 0.01 0.02 0.01 0.04 %/V (Note 3) I L =10 mA Load Regulation T J = 25˚C, 10 mA ≤ IOUT ≤ IMAX 0.1 0.3 0.1 0.5 % Thermal Regulation T J = 25˚C, 20 ms Pulse 0.03 0.07 0.04 0.07 %/W Adjustment Pin Current 50 100 50 100 µA Adjustment Pin Current Change 10 mA ≤ I L ≤ IMAX 0.2 5 0.2 5 µA 3.0 V ≤ (V IN −VOUT) ≤ 60V Reference Voltage 3.0 V ≤ (V IN −VOUT) ≤ 60V, (Note 4) 1.20 1.25 1.30 1.20 1.25 1.30 V 10 mA ≤ I OUT ≤ IMAX,P ≤ PMAX Line Regulation 3.0V ≤ (V IN −VOUT) ≤ 60V, 0.02 0.05 0.02 0.07 %/V I L = 10 mA, (Note 3) Load Regulation 10 mA ≤ I OUT ≤ IMAX (Note 3) 0.3 1 0.3 1.5 % Temperature Stability T MIN ≤ TJ ≤ TMAX 11 % Minimum Load Current (V IN −VOUT) = 60V 3.5 7 3.5 12 mA Current Limit (V IN −VOUT) ≤ 15V K, T Packages 1.5 2.2 3.5 1.5 2.2 3.7 A H Package 0.5 0.8 1.8 0.5 0.8 1.9 A (V IN −VOUT) ≤ 60V K, T Packages 0.3 0.3 A H Package 0.03 0.03 A RMS Output Noise, % of V OUT T J = 25˚C, 10 Hz ≤ f ≤ 10 kHz 0.003 0.003 % Ripple Rejection Ratio V OUT = 10V, f = 120 Hz 65 65 dB C ADJ = 10 µF 6680 6680 dB Long-Term Stability T J = 125˚C 0.3 1 0.3 1 % Thermal Resistance, H Package 12 15 12 15 ˚C/W Junction to Case T Package 4 5 ˚C/W K Package 2.3 3 2.3 3 ˚C/W Thermal Resistance, H Package 140 140 ˚C/W Junction to Ambient T Package 50 ˚C/W (no heat sink) K Package 35 35 ˚C/W Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. Note 2: Unless otherwise specified, these specifications apply: −55˚C ≤ TJ ≤ +150˚C for the LM117HV, and 0˚C ≤ TJ ≤ +125˚C for the LM317HV; VIN −VOUT =5V and IOUT = 0.1A for the TO-39 package and IOUT = 0.5A for the TO-3 and TO-220 packages. Although power dissipation is internally limited, these specifications are applicable for power dissipations of 2W for the TO-39 and 20W for the TO-3 and TO-220. IMAX is 1.5A for the TO-3 and TO-220 and 0.5A for the TO-39 package. Note 3: Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account separately. Pulse test- ing with low duty cycle is used. Note 4: Refer to RETS117HVH for LM117HVH or RETS117HVK for LM117HVK military specificatioins. Note 5: Human body model, 1.5 k Ω in series with 100 pF. www.national.com 3 |