| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MTCH102-E/SS Datasheet(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MTCH102-E/SS Datasheet(HTML) 3 Page - Microchip Technology |
|
3 / 37 page ![]() 2015-2016 Microchip Technology Inc. Preliminary DS40001793C-page 3 MTCH102/5/8 PIN ALLOCATION TABLES TABLE 3: 8-PIN DESCRIPTION (MTCH102) Name 8-Lead MSOP and UDFN Description VDD 1 Power Supply Input MTI0 2 Proximity/Touch Sensor 0 Input MTI1/Guard 3 Proximity/Touch Sensor 1 Input/Active Guard MTPM 4 Low-Power Mode Select MTSA 5 Sensitivity Adjust Input MTO1/GC 6 MTI1 Detect Output (Active-Low)/Guard Control MTO0 7 MTI0 Detect Output (Active-Low) VSS 8 Ground TABLE 4: 14-/16-PIN DESCRIPTION (MTCH105) Name 14-Lead TSSOP 16-Lead QFN Description VDD 1 16 Power Supply Input MTI0 2 1 Proximity/Touch Sensor 0 Input MTI1 3 2 Proximity/Touch Sensor 1 Input MTPM 4 3 Low-Power Mode Select MTI2/Guard 5 4 Proximity/Touch Sensor 2 Input/Active Guard MTI3 6 5 Proximity/Touch Sensor 3 Input MTI4 7 6 Proximity/Touch Sensor 4 Input MTO4 8 7 MTI4 Detect Output (Active-Low) MTO3 9 8 MTI3 Detect Output (Active-Low) MTO2/GC 10 9 MTI2 Detect Output (Active-Low) /Guard Control MTSA 11 10 Sensitivity Adjust Input MTO1 12 11 MTI1 Detect Output (Active-Low) MTO0 13 12 MTI0 Detect Output (Active-Low) VSS 14 13 Ground |