| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCS641DD Datasheet(PDF) 1 Page - Copal Electronics |
|
|
|||||||||||||||||||||||||||||
MCS641DD Datasheet(HTML) 1 Page - Copal Electronics |
|
1 / 9 page ![]() MCS Sub-miniature Slide Switches RoHS Compliant ■Common ●Initial contact resistance 30mΩ max. at 1.5mA 200μVAC ●Dilectric strength AC500V for 1 minute ●Initial insulation resistance 100MΩ min. at 500VDC ●Electical life 10,000 cycles ●Operating temperature range −10℃∼+60℃ ■Part Numbering ON ー ON ONーOFFーON ONーON ー ON ON ー ONー ONーON ON ー ON ONーOFFーON ONーON ー ON ON ー ONー ONーON D E EA DD N P PA NN PC terminal Right angle terminal Surface mount type Solder terminals MCS 1 2 1 D − 1001 Series code Registration number Terminal style 1−pole 2−poles 4−poles 6−poles Number of poles 1 2 4 6 Fig. 2position 3position 4position Number of position 2 3 4 Fig. 1 2 3 4 Fig. Code Odd Even Switching function ■ ⑴Manual Soldering Device : Soldering iron. ①350℃, Max.; 3 seconds, Max. ⑵When soldering two or more terminals to the common land, use solder resist to solder them independently. ■Flux Cleaning ⑴Solvent : Fluorine or Alcohol type. |
Número de pieza similar - MCS641DD |
|
Descripción similar - MCS641DD |