Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AS7C1025-12TJC Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

No. de pieza AS7C1025-12TJC
Descripción Electrónicos  5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALSC [Alliance Semiconductor Corporation]
Página de inicio  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1025-12TJC Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C1025-12TJC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1025-12TJC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1025-12TJC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1025-12TJC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1025-12TJC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1025-12TJC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1025-12TJC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1025-12TJC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1025-12TJC Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
®
AS7C1025
AS7C31025
3/23/01; v.1.0
Alliance Semiconductor
P. 8 of 9
Package dimensions
32-pin TSOP II
e
D
E1
Pin 1
b
B
A1
A2
c
E
Seating
Plane
E2
A
NN/2+1
1N/2
D
E1
E
32-pin SOJ
300 mil/400 mil
L
α
c
ZD
c
b
A1
A
Seating plane
Symbol
32-pin TSOP II (mil)
Min
Max
A–
1.2
A1
0.05
0.15
b0.3
0.52
C
0.12
0.21
D
20.82
21.08
E1
10.03
10.29
E
11.56
11.96
e
1.27 BSC
L
0.40
0.60
ZD
0.95 REF.
α
Symbol
32-pin SOJ
300 mil
32-pin SOJ
400 mil
Min
Max
Min
Max
A
-
0.145
-
0.145
A1
0.025
-
0.025
-
A2
0.086
0.105
0.086
0.115
B
0.026
0.032
0.026
0.032
b
0.014
0.020
0.015
0.020
c
0.006
0.013
0.007
0.013
D
0.820
0.830
0.820
0.830
E
0.250
0.275
0.360
0.380
E1
0.292
0.305
0.395
0.405
E2
0.330
0.340
0.435
0.445



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com