Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DX07 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

No. de pieza DX07
Descripción Electrónicos  USB Type-C TM Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JAE [Japan Aviation Electronics Industry, Ltd.]
Página de inicio  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DX07 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DX07 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DX07 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DX07 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DX07 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DX07 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DX07 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DX07 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MB-0297-3
JAE PMK Div. Proprietary. Copyright © 2015, Japan Aviation Electronics Industry, Ltd.
2/7
Note) Please order in reel units.
2 row SMT Type
Hybrid Type
Components
Materials / Finishes
Insulator 1, 2
Synthetic resin
Contact A, B
Copper alloy /
Contact area: palladium over Ni plating - Au flash plating over nickel alloy
Terminal area: Au flash plating over nickel
Shell
Stainless steel / Ni plating
Stainless steel / black Ni plating
Mid Plate
Stainless steel / Ni plating
Ground Plate
Stainless steel / Ni plating
Rear Shield
Stainless steel / Ni plating
Bracket
-
Stainless steel / Ni plating
Note) Please refer to the product drawings for more details.
Board Connection Type (Shell area)
J: 2 row SMT
X: Hybrid (T/H & SMT)
Reel 1300 pcs. / reel
DX07 S024JJ2R1300
Series
S: On-board, B: Mid-mount
No. of Contacts: 24 pos.
Modification Code #2
Plating Specification
J: Contact area: palladium over nickel
- Au flash plating over nickel alloy
DX07: USB Type C
Modification Code #1
[Receptacle Side]
Materials and Finishes
Ordering Information
Part Number
SJ
Drawing
Specifications
Mounting
Type
Note
DX07S024JJ2 (Individual Connector)
SJ115946
JACS-
30353
On-
board
Rear Shield
Yes
DX07S024JJ2R1300 (Reeled Product) SJ115947
DX07S024JJ3 (Individual Connector)
SJ115994
Rear Shield
No
DX07S024JJ3R1300 (Reeled Product) SJ115995
DX07B024JJ1 (Individual Connector)
SJ115850
Mid
mount
Rear Shield
Yes
DX07B024JJ1R1500 (Reeled Product) SJ115851
DX07B024JJ2 (Individual Connector)
SJ115996
Rear Shield
No
DX07B024JJ2R1500 (Reeled Product) SJ115997
DX07S024XJ1 (Individual Connector)
SJ116123
JACS-
30361
On-
board
Black Ni
Plating
Shell
DX07S024XJ1R1100
SJ116124
DX07B024XJ1 (Individual Connector)
SJ116121
Mid
mount
DX07B024XJ1R1300
SJ116122



Html Pages

1 2 3 4 5 6 7