| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM339AMX Datasheet(PDF) 16 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM339AMX Datasheet(HTML) 16 Page - National Semiconductor (TI) |
|
16 / 19 page ![]() Connection Diagrams Dual-In-Line Package 00570602 Order Number LM139J, LM139J/883 (Note 11), LM139AJ, LM139AJ/883 (Note 12), LM239J, LM239AJ, LM339J See NS Package Number J14A Order Number LM339AM, LM339AMX, LM339M, LM339MX or LM2901M See NS Package Number M14A Order Number LM339N, LM339AN, LM2901N or LM3302N See NS Package Number N14A 00570627 Order Number LM139AW/883 or LM139W/883 (Note 11) See NS Package Number W14B, LM139AWGRQMLV (Note 13) See NS Package Number WG14A Note 11: Available per JM38510/11201 Note 12: Available per SMD# 5962-8873901 Note 13: See STD Mil Dwg 5962R96738 for Radiation Tolerant Device www.national.com 16 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |