Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MCP1624-I/MC Datasheet(PDF) 19 Page - Microchip Technology

No. de pieza MCP1624-I/MC
Descripción Electrónicos  Low-Voltage Input Boost Regulator for PIC짰 Microcontrollers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1624-I/MC Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1624-I/MC Datasheet HTML 15Page - Microchip Technology MCP1624-I/MC Datasheet HTML 16Page - Microchip Technology MCP1624-I/MC Datasheet HTML 17Page - Microchip Technology MCP1624-I/MC Datasheet HTML 18Page - Microchip Technology MCP1624-I/MC Datasheet HTML 19Page - Microchip Technology MCP1624-I/MC Datasheet HTML 20Page - Microchip Technology MCP1624-I/MC Datasheet HTML 21Page - Microchip Technology MCP1624-I/MC Datasheet HTML 22Page - Microchip Technology MCP1624-I/MC Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
 2010-2016 Microchip Technology Inc.
DS40001420D-page 19
MCP1623/24
6.0
PACKAGING INFORMATION
6.1
Package Marking Information (Not to Scale)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC® designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
6-Lead SOT-23
Example
Part Number
Code
MCP1623T-I/CHY
HUNN
MCP1623T-I/CH
JANN
MCP1623T-I/CH
JUNN
MCP1624T-I/CHY
CJNN
MCP1624T-I/CH
JTNN
8-Lead DFN (2x3x0.9 mm)
Example
CJNN
Part Number
Code
MCP1623-I/MC
AKH
MCP1623T-I/MC
AKH
MCP1624-I/MC
ALH
MCP1624T-I/MC
ALH
AKH
611
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30