Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CL2O-CAM1 Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

No. de pieza CL2O-CAM1
Descripción Electrónicos  Landscape and portrait modes supported
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FTDI [Future Technology Devices International Ltd.]
Página de inicio  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CL2O-CAM1 Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button CL2O-CAM1 Datasheet HTML 9Page - Future Technology Devices International Ltd. CL2O-CAM1 Datasheet HTML 10Page - Future Technology Devices International Ltd. CL2O-CAM1 Datasheet HTML 11Page - Future Technology Devices International Ltd. CL2O-CAM1 Datasheet HTML 12Page - Future Technology Devices International Ltd. CL2O-CAM1 Datasheet HTML 13Page - Future Technology Devices International Ltd. CL2O-CAM1 Datasheet HTML 14Page - Future Technology Devices International Ltd. CL2O-CAM1 Datasheet HTML 15Page - Future Technology Devices International Ltd. CL2O-CAM1 Datasheet HTML 16Page - Future Technology Devices International Ltd. CL2O-CAM1 Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Copyright © Future Technology Devices International Limited
13
CleO35 Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001299 C learance N o.: FT DI# 4 9 3
Pin Number
Name
Description
5
MISO
SPI data to master side
6
SCK
SPI clock
7
GND
Ground
8
-
No connection
9
-
No connection
10
-
No connection
Table 6 - CN9 Pin List
Pin Number
Name
Description
1
-
No connection
2
-
No connection
3
D2
FT903 Interrupt request out
option 1
4
D3
FT903 Interrupt request out
option 2
5
-
No connection
6
D5
SPI Chip select option1
7
-
No connection
8
D7
SPI Chip select option2
Table 7 - CN8 Pin List
4.8
External IO Pin
There are extra features provided on CN5, 16 position 0.5mm pitch FFC/FPC connector. Users can
connect to external feature boards through this connector.
See Table 8 for all the extra features assigned to each pin.
Pin Number
Name
Description
1
GPIO61
General purpose IO 61
2
GPIO60
General purpose IO 60
3
PWM2
Pulse Width Modulation 2
4
PWM1
Pulse Width Modulation 1
5
VDD3V3
3.3V supply
6
GND
Ground
7
I2C1_SCL
I2C1 Serial Clock
8
I2C1_SDA
I2C1 Serial Data
9
UART0_RXD
UART0 receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com