Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

T2802 Datasheet(PDF) 12 Page - ATMEL Corporation

No. de pieza T2802
Descripción Electrónicos  2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2802 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button T2802 Datasheet HTML 8Page - ATMEL Corporation T2802 Datasheet HTML 9Page - ATMEL Corporation T2802 Datasheet HTML 10Page - ATMEL Corporation T2802 Datasheet HTML 11Page - ATMEL Corporation T2802 Datasheet HTML 12Page - ATMEL Corporation T2802 Datasheet HTML 13Page - ATMEL Corporation T2802 Datasheet HTML 14Page - ATMEL Corporation T2802 Datasheet HTML 15Page - ATMEL Corporation T2802 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
T2802
4509F–DECT–10/03
46
PU_PLL
PLL power-up input
47
TX_DATA
TX data input of Gaussian filter and modulation-
compensation circuit
48
I_CPSW
Charge-pump current control input
Pin Description (Continued)
Pin
Symbol
Function
Configuration
PU
PLL
46
25k
25k
10k
10k
140k
GND
PLL
43
10k
20k
TX_DATA
47
2.5k
VS_PLL
7
GND_PLL
43
I_CPSW
48
5k
VS_PLL
7
GND_PLL
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com