Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DM5150 Datasheet(PDF) 1 Page - Davicom Semiconductor, Inc.

No. de pieza DM5150
Descripción Electrónicos  1-Channel Video Decoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DAVICOM [Davicom Semiconductor, Inc.]
Página de inicio  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM5150 Datasheet(HTML) 1 Page - Davicom Semiconductor, Inc.

  DM5150 Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM5150 Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM5150 Datasheet HTML 3Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DM5150
1-Channel Video Decoder
Product Brief
www.davicom.com.tw
1
Version: 1.0
March 1, 2013
1. Features
Video Decoder
Accepts NTSC (M), PAL (B, D, G, H, I,
M, Nc).
Video decoder could be programmed
to operate at 27MHz.
10-bits video ADCs with built in 6.5
MHz analog low pass filter
Automatic gain control for Luminance
and Chrominance
Programmable brightness, contrast,
saturation, hue, and sharpness
Support video interface YCbCr 4:2:2,
4:1:1, 4:2:0 format
Support mirror function
5-H comb filter for YC separation
Chrominance line filter for PAL phase
error
DLL for video synchronization,
supports 27MHz crystal within
+/-1000 ppm variance
Advanced video synchronization for
weak and noisy CVBS. Supports
video signal transmitted by
500-meter long cable
Support line lock camera
Miscellaneous
Use a single external 27MHz crystal
to support 720H video
One programmable PLL integrated
Slave I2C bus
Ultra low power consumption. Under
150mW for normal operation. Under
50mW for suspend mode.
32-pin LQFP (5mmx5mm) or 32-pin
QFN (4mmx4mm) package
1.8V core power, 3.3V analog
power and 1.8V analog power


Número de pieza similar - DM5150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
DM51155 ITT-DM51155 Datasheet
9Mb / 301P
D Subminiature Connectors
DM51155-12 ITT-DM51155-12 Datasheet
9Mb / 301P
D Subminiature Connectors
DM51155-13 ITT-DM51155-13 Datasheet
9Mb / 301P
D Subminiature Connectors
DM51155-5000 ITT-DM51155-5000 Datasheet
9Mb / 301P
D Subminiature Connectors
DM51155-5004 ITT-DM51155-5004 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Descripción similar - DM5150

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hynix Semiconductor
GDC21D401B HYNIX-GDC21D401B Datasheet
694Kb / 28P
Video Decoder
logo
AverLogic Technologies ...
AL244 AVERLOGIC-AL244 Datasheet
61Kb / 4P
Flyer (4-in-1 Video Decoder)
logo
List of Unclassifed Man...
MIK2152 ETC2-MIK2152 Datasheet
384Kb / 17P
Video Decoder
logo
Asahi Kasei Microsystem...
AK8857VQ AKM-AK8857VQ Datasheet
1Mb / 105P
Dual Channel Digital Video Decoder
logo
Synaptics Incorporated.
CX25850 CONEXANT-CX25850 Datasheet
187Kb / 2P
Multi-Channel Video Decoder
logo
Toshiba Semiconductor
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
Dual channel Video Decoder
TC90107FG TOSHIBA-TC90107FG Datasheet
626Kb / 15P
Single Channel Video Decoder
logo
Davicom Semiconductor, ...
DM5160 DAVICOM-DM5160 Datasheet
62Kb / 3P
1-Channel 960H Video Decoder
DM5900 DAVICOM-DM5900 Datasheet
63Kb / 3P
1-Channel Video Decoder
DM5960 DAVICOM-DM5960 Datasheet
67Kb / 3P
1-Channel 960H Video Decoder
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com