Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP431AL Datasheet(PDF) 5 Page - Anachip Corp

No. de pieza AP431AL
Descripción Electrónicos  Adjustable Precision Shunt Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANACHIP [Anachip Corp]
Página de inicio  
Logo ANACHIP - Anachip Corp

AP431AL Datasheet(HTML) 5 Page - Anachip Corp

  AP431AL Datasheet HTML 1Page - Anachip Corp AP431AL Datasheet HTML 2Page - Anachip Corp AP431AL Datasheet HTML 3Page - Anachip Corp AP431AL Datasheet HTML 4Page - Anachip Corp AP431AL Datasheet HTML 5Page - Anachip Corp AP431AL Datasheet HTML 6Page - Anachip Corp AP431AL Datasheet HTML 7Page - Anachip Corp AP431AL Datasheet HTML 8Page - Anachip Corp AP431AL Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Adjustable Precision Shunt Regulator
AP431/AP431A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
5/17
Note 3. Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference over
the full temperature range.
The average temperature coefficient of the reference input voltage αVREF is defined as:
1
2
6
REF
DEV
REF
T
T
10
)
C)
(25
V
V
(
V
−
⋅
°
=
α
……………………..……………….. (
)
C
ppm
°
Where:
T2 – T1 = full temperature change.
α
VREF can be positive or negative depending on whether the slope is positive or negative.
Note 4. The dynamic output impedance, RZ, is defined as:
KA
KA
KA
I
V
Z
∆
∆
=
When the device is programmed with two external resistors R1 and R2 (see Figure 2.), the dynamic output
impedance of the overall circuit, is defined as:
)
R2
R1
(1
Z
i
v
Z
KA
'
KA
+
∆
∆
=
≈
Test Circuits
Input
VREF
V
KA
I
KA
Fig1. Test Circuit for V
KA= VREF
IN
VREF
R1
R2
IREF
Note:VKA=VREF(1+R1/R2)+IREF× R1
I
KA
V
KA
Fig2. Test circuit for V
KA
V
>
REF
IN
V
KA
IZ(OFF)
Fig3. Test Circuit for off-state Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17