| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
971800321 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
|
|||||||||||||||||||||||||||||
971800321 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
2 / 2 page ![]() 1 /1 2016-05-10 971 xx0 xx1 11SMnPb30 SKl AsSSTIE Steel Spacer Stud Metric Thread int./ext. xxx xxx xxx DaF SCALE SIZE DESCRIPTION STATUS PROJECTION METHOD PAGE DATE ORDER CODE MATERIAL CHECKED CREATED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany com. +49 79 42 945 - 0 www.we-online.de eiSos@we-online.de GENERAL TOLERANCE BUSINESS UNIT eiCan DIN ISO 2768-1m WEIGHT Released This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. xxx sectional drawing A-A Ti To A A Order Code L (mm) G (mm) L1 (mm) Thread Size Wrench Size 971050471 5 8,0 2,3 M 4.0 SW 7 971060471 6 8,0 2,3 M 4.0 SW 7 971070471 7 8,0 4,5 M 4.0 SW 7 971080471 8 8,0 5,0 M 4.0 SW 7 971100471 10 8,0 5,0 M 4.0 SW 7 971110471 11 8,0 6,0 M 4.0 SW 7 971120471 12 8,0 8,0 M 4.0 SW 7 971150471 15 8,0 8,0 M 4.0 SW 7 971170471 17 8,0 10,0 M 4.0 SW 7 971200471 20 8,0 8,0 M 4.0 SW 7 971250471 25 8,0 9,0 M 4.0 SW 7 971300471 30 8,0 9,0 M 4.0 SW 7 971350471 35 8,0 10,0 M 4.0 SW 7 971400471 40 8,0 10,0 M 4.0 SW 7 971450471 45 8,0 10,0 M 4.0 SW 7 971500471 50 8,0 9,0 M 4.0 SW 7 971550471 55 8,0 9,0 M 4.0 SW 7 971600471 60 8,0 9,0 M 4.0 SW 7 971700471 70 8,0 9,0 M 4.0 SW 7 971800471 80 8,0 8,0 M 4.0 SW 7 971080481 8 8,0 5,0 M 4.0 SW 8 971100481 10 8,0 6,0 M 4.0 SW 8 971120481 12 8,0 7,0 M 4.0 SW 8 971150481 15 8,0 8,0 M 4.0 SW 8 971180481 18 8,0 8,0 M 4.0 SW 8 971200481 20 8,0 8,0 M 4.0 SW 8 971250481 25 8,0 8,0 M 4.0 SW 8 971270481 27 8,0 8,0 M 4.0 SW 8 971300481 30 8,0 8,0 M 4.0 SW 8 971350481 35 8,0 8,0 M 4.0 SW 8 971400481 40 8,0 8,0 M 4.0 SW 8 971450481 45 8,0 8,0 M 4.0 SW 8 971500481 50 8,0 8,0 M 4.0 SW 8 971080581 8 8,0 5,0 M 5.0 SW 8 971100581 10 10,0 6,0 M 5.0 SW 8 971120581 12 10,0 7,0 M 5.0 SW 8 971150581 15 10,0 8,0 M 5.0 SW 8 971200581 20 10,0 8,0 M 5.0 SW 8 971250581 25 10,0 8,0 M 5.0 SW 8 971300581 30 10,0 10,0 M 5.0 SW 8 971350581 35 8,0 10,0 M 5.0 SW 8 971400581 40 10,0 8,0 M 5.0 SW 8 971450581 45 10,0 8,0 M 5.0 SW 8 971500581 50 10,0 8,0 M 5.0 SW 8 971550581 55 10,0 11,0 M 5.0 SW 8 971600581 60 10,0 11,0 M 5.0 SW 8 971700581 70 10,0 11,0 M 5.0 SW 8 971750581 75 10,0 11,0 M 5.0 SW 8 971200511 20 10,0 10,0 M 5.0 SW 10 971250511 25 10,0 10,0 M 5.0 SW 10 971300511 30 10,0 10,0 M 5.0 SW 10 971350511 35 10,0 10,0 M 5.0 SW 10 971400511 40 10,0 10,0 M 5.0 SW 10 971450511 45 10,0 10,0 M 5.0 SW 10 971500511 50 10,0 10,0 M 5.0 SW 10 971120611 12 10,0 7,0 M 6.0 SW 10 971150611 15 10,0 12,0 M 6.0 SW 10 971200611 20 10,0 10,0 M 6.0 SW 10 971250611 25 10,0 10,0 M 6.0 SW 10 971300611 30 10,0 10,0 M 6.0 SW 10 971350611 35 10,0 10,0 M 6.0 SW 10 971400611 40 10,0 10,0 M 6.0 SW 10 971450611 45 10,0 10,0 M 6.0 SW 10 971500611 50 10,0 10,0 M 6.0 SW 10 971600611 60 10,0 10,0 M 6.0 SW 10 971700611 70 10,0 10,0 M 6.0 SW 10 971800611 80 10,0 10,0 M 6.0 SW 10 Surface coating: zinc-plated |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |