Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FAB0307020 Datasheet(PDF) 3 Page - Power System Technology

No. de pieza FAB0307020
Descripción Electrónicos  Industrial power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PST [Power System Technology]
Página de inicio  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0307020 Datasheet(HTML) 3 Page - Power System Technology

  FAB0307020 Datasheet HTML 1Page - Power System Technology FAB0307020 Datasheet HTML 2Page - Power System Technology FAB0307020 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MECHANICALS
PIN
DESCRIPTION
INPUT : CN1 - male header AMP MTA.156’’ 5pts
1
INPUT -
2
NC
3
INPUT +
PIN
DESCRIPTION
OUTPUT : CN2 - male header AMP MTA.156’’ 15pts
1
+ Sense 5V
2 to 3
+ 5V
4
- Sense 5V
4
NC
5
GROUND
5 to 9
Rtn +5V, +15V, -15V
10
-15V
11
+15V
12 to 13
+24V
14 to 15
Rtn 24V
FAB0307020
3/3



Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com