Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

169CMQ Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

No. de pieza 169CMQ
Descripción Electrónicos  Low profile, high current package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Página de inicio  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

169CMQ Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  169CMQ Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 169CMQ Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 169CMQ Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 169CMQ Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1239, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
169CMQ…SERIES
169CMQ135/169CMQ150 SCHOTTKY RECTIFIER
Applications:
• Switching power supply • Converters • Free-Wheeling diodes • Reverse battery protection
Features:
150
°C TJ operation
Isolated heatsink
Multiple leads per terminal for high frequency, high current PC board mounting
Low profile, high current package
Center tap module
Low forward voltage drop
High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Dimensions: In Inches / mm
TO-249AA
MARKING, MOLDING RESIN
Marking for 169CMQ135/150, 1
st row SS YYWWL, 2nd row 169CMQ135/150, 3rd row 1 2 3 (Pin)
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
Molding resin
Epoxy resin UL:94V-0


Número de pieza similar - 169CMQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SMC Diode Solutions Co....
169CMQ SMCDIODE-169CMQ Datasheet
340Kb / 5P
SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
169CMQ135 SMC-169CMQ135 Datasheet
152Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
169CMQ135 SMCDIODE-169CMQ135 Datasheet
340Kb / 5P
SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
169CMQ150 SMC-169CMQ150 Datasheet
152Kb / 4P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
169CMQ150 SMCDIODE-169CMQ150 Datasheet
340Kb / 5P
SCHOTTKY RECTIFIER
Rev. A
More results

Descripción similar - 169CMQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
IHLP-5050CE-01 VISHAY-IHLP-5050CE-01 Datasheet
154Kb / 4P
Low Profile, High Current Inductor
03-Nov-04
IHLP-5050EZ-01 VISHAY-IHLP-5050EZ-01 Datasheet
133Kb / 4P
Low Profile, High Current Inductor
03-Nov-04
IHLP-2525EZ-01 VISHAY-IHLP-2525EZ-01 Datasheet
151Kb / 4P
Low Profile, High Current Inductor
17-Apr-08
IHLP-1616BZ-01 VISHAY-IHLP-1616BZ-01 Datasheet
110Kb / 3P
Low Profile, High Current Inductor
21-Jan-08
IHLP-2525BD-01 VISHAY-IHLP-2525BD-01 Datasheet
111Kb / 5P
Low Profile, High Current Inductor
10-Aug-06
IFLR-4027EZ-01 VISHAY-IFLR-4027EZ-01 Datasheet
248Kb / 4P
Low Profile, High Current Inductors
02-Aug-16
ITCR4040EEERR36MR5 VISHAY-ITCR4040EEERR36MR5 Datasheet
99Kb / 2P
Low Profile, High Current Inductor
IFSC-1515AH-01 VISHAY-IFSC-1515AH-01 Datasheet
83Kb / 2P
Low Profile, High Current Inductors
04-Oct-17
IFSC-1008AB-01 VISHAY-IFSC-1008AB-01_V01 Datasheet
70Kb / 2P
Low Profile, High Current Inductors
23-Jul-2020
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com