Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

DS2164Q Datasheet(PDF) 9 Page - Dallas Semiconductor

No. de pieza DS2164Q
Descripción Electrónicos  G.726 ADPCM Processor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DALLAS [Dallas Semiconductor]
Página de inicio  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2164Q Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS2164Q Datasheet HTML 5Page - Dallas Semiconductor DS2164Q Datasheet HTML 6Page - Dallas Semiconductor DS2164Q Datasheet HTML 7Page - Dallas Semiconductor DS2164Q Datasheet HTML 8Page - Dallas Semiconductor DS2164Q Datasheet HTML 9Page - Dallas Semiconductor DS2164Q Datasheet HTML 10Page - Dallas Semiconductor DS2164Q Datasheet HTML 11Page - Dallas Semiconductor DS2164Q Datasheet HTML 12Page - Dallas Semiconductor DS2164Q Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DS2164Q
9 of 17
HARDWARE MODE
The hardware mode is intended for applications that do not have an external controller available or do not
require the extended features offered by the serial port. Connecting the SPS pin to VSS disables the serial
port, clears all internal register bits, and maps the IPD, U/ A , and CP/ EX bits for both channels to external
bits (Table 3). In the hardware mode, both the input and output time slots default to time slot 0.
Table 3. HARDWARE MODE
PIN
#
NAME
REGISTER LOCATION
FUNCTION
4A0
CP/ EX
(Channel X)
Channel X Coding Configuration
0 = Expand
1 = Compress
5A1
AS0/AS1/AS2
(Channel X and Y)
Algorithm Select (Table 4)
6A2
U/ A
(Channel X)
Channel X Data Format
0 = A-law
1 =
m-law
7A3
CP/ EX
(Channel Y)
Channel Y Coding Configuration
0 = Expand
1 = Compress
8A4
AS0/AS1/AS2
(Channel X and Y)
Algorithm Select (Table 4)
9A5
U/ A
(Channel Y)
Channel Y Data Format
0 = A-law
1 =
m-law
18
SDI
IPD
(Channel Y)
Channel Y Idle Select
0 = Channel Active
1 = Channel Idle
19
CS
IPD
(Channel X)
Channel X Idle Select
0 = Channel Active
1 = Channel Idle
NOTES:
1) SCLK must be connected to VSS when the hardware mode is selected.
2) When both channels are idled, power consumption is significantly reduced.
3) The DS2164Q powers up within 800ms after either channel is returned to active from an idle state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com