Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

A21 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

No. de pieza A21
Descripción Electrónicos  SINGLE PHASE 2.0AMP SURFACE MOUNT GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYELEC [DIYI Electronic Technology Co., Ltd.]
Página de inicio  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

A21 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  A21 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. A21 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG. 4-TYPICAL JUNCTION CAPACITANCE
2 of 2
0
5
10
15
20
25
30
35
40
10
9
8
7
6
5
4
3
2
1
0
60
50
40
30
20
10
0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
FIG. 1- FORWARD CURRENT DERATING CURVE
FIG. 3-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
REVERSE VOLTAGE,(V)
LEAD TEMPERATURE ( oC)
version:01
FIG. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0
0.4
0.8
1.2
1.6
1.8
0.01
0.1
1
20
10
T =25 C
PULSE WIDTH=300
µs
1%DUTY CYCLE
FORWARD VOLTAGE (V)
A
FIG. 5 TYPICAL REVERSE CHARACTERISTICS
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=125°C
TJ=75°C
TJ=25°C
www.dyelec.com
2 4
2 0
6
1 2
8
4
50
100
150
0.00
0.
0.
.
1.
.
.
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
A21 THRU A27



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com