Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

BFX48 Datasheet(PDF) 2 Page - Seme LAB

No. de pieza BFX48
Descripción Electrónicos  PNP SILICON EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEME-LAB [Seme LAB]
Página de inicio  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX48 Datasheet(HTML) 2 Page - Seme LAB

  BFX48 Datasheet HTML 1Page - Seme LAB BFX48 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise stated)
BFX48
Document. 2340
Issue 1
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VBE = 0
VCE = -20V
Tamb = 125°C
IE = 0
IC = 10mA
IC = –10mA
IB = 0
IE = –10mAIC = 0
IC = –1mA
IB = -0.1mA
IC = –10mA
IB = -1mA
IC = –50mA
IB = -5mA
IC = –1mA
IB = -0.1mA
IC = –10mA
IB = -1mA
IC = –50mA
IB = -5mA
IC = –10mAVCE = -1V
IC = –100mAVCE = -1V
IC = –10mA
VCE = -1V
IC = –50mA
VCE = -1V
IC = –10mA
VCE = -1V
Tamb = -55°C
IC = –10mA
VCE = -20V
f = 100MHz
IC = 0
VEB = -0.5V
f = 1MHz
IE = 0
VCB = -10V
f = 1MHz
IC = -1mA
VCE = -5V
f = 100MHz
Rg = 100
W
IC = -50mA
IB1 = -5mA
IC = -50mA
IB1 = IB2 =-5mA
IC = -10mA
VCE = -20V
f = 80MHz
Collector Cut–off Current
Collector – Base Breakdown
Voltage
Collector– Emitter Breakdown
Voltage
Emitter-Base Breakdown Voltage
Collector – Emitter Saturation
Voltage
Base – Emitter
Saturation Voltage
DC Current Gain
Transistion Frequency
Emitter – Base
Capacitance
Collector-Base
Capacitance
Noise Figure
Turn-on time
Turn-off time
Feedback Time Constant
-15
-15
-30
-30
-5
-0.13
-0.1
-0.14
-0.3
-0.75
-0.77
-0.9
-1.1
40
80
70
130
90
160
20
40
30
`
400
550
45.5
2.2
3.5
3.5
6
20
50
95
160
40
nA
mA
V
V
V
V
V
—
MHz
pF
dB
ns
ns
ps
ICES
V(BR)CBO
V(BR)CEO*
V(BR)EBO
VCE(sat)*
VBE(sat)*
hFE*
fT
CEBO
CCBO
NF
ton
toff
rbb’Cb’c
THERMAL CHARACTERISTICS
Rqth(j-case) Thermal Resistance Junction - Case
175
°C/W
Rqth(j-amb) Thermal Resistance Junction - Ambient
486
°C/W
*Pulsed: pulse duration = 300
ms, duty cycle = 1%



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com