Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

185C16 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

No. de pieza 185C16
Descripción Electrónicos  Low Voltage Chassis Mounted Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

185C16 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  185C16 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
185C16
Low Voltage Chassis Mounted Power Transformer
Secondary Connections - 185 Series Transformers
Primary Connections - 185 Series Transformers
1
5
2
6
12
11
8
7
PRI
SEC
115V
Primary Wiring for 115V
(Parallel Connection)
1
5
2
6
12
11
8
7
PRI
SEC
230V
Primary Wiring for 230V
(Series Connection)
1
5
2
6
12
11
8
7
PRI
SEC
Parallel
Secondary Wiring
(Parallel Connection)
1
5
2
6
12
11
8
7
PRI
SEC
Series
Secondary Wiring
(Series Connection)
Overall Dimensions - in. (mm)
Width
2.81 ( 71.4)
Depth
2.22 (56.4)
Height
2.31 (58.7)
Weight
1.25 lbs./ 0.6 kg.
Hole to Hole Mounting Dims. - in. (mm)
Width
2.37 (60.2)
Depth
- (-)
Terminal Lug Data- in. (mm)
Width
0.19 (4.7)
Thickness
0.02 (0.5)
Electrical
Size (VA)
25
Primary
115/ 230 VAC
Sec (Series) 16V C.T. @1.6A
Sec (Parallel) 8V@3.2A
Key Features:
• Universal operation on 50/60Hz, 115/ 230V dual primary for
worldwide use.
• Dual bobbin construction
• Dual use terminals (solder lug or quick connect)
• Dual secondaries for series or parallel connections
• 4,000V RMS Hipot tested
• Class F Insulation - 155 degrees C.
• Agency listings: cURus, CE, and TUV.
www.hammondmfg.com


Número de pieza similar - 185C16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
185C10 HAMMOND-185C10 Datasheet
221Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185C12 HAMMOND-185C12 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
More results

Descripción similar - 185C16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
185E16 HAMMOND-185E16 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185D230 HAMMOND-185D230 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185D24 HAMMOND-185D24 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185C12 HAMMOND-185C12 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185G10 HAMMOND-185G10 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F24 HAMMOND-185F24 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F20 HAMMOND-185F20 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185F16 HAMMOND-185F16 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185E28 HAMMOND-185E28 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185E24 HAMMOND-185E24 Datasheet
226Kb / 1P
Low Voltage Chassis Mounted Power Transformer
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com