| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSM6DS33TR Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DS33TR Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 77 page ![]() Register description LSM6DS33 44/77 DocID027423 Rev 4 9.7 ORIENT_CFG_G (0Bh) Angular rate sensor sign and orientation register (r/w). Table 34. ORIENT_CFG_G register Table 35. ORIENT_CFG_G register description 9.8 INT1_CTRL (0Dh) INT1 pad control register (r/w). Each bit in this register enables a signal to be carried through INT1. The pad’s output will supply the OR combination of the selected signals. Table 37. INT1_CTRL register 0(1) 1. This bit must be set to ‘0’ for the correct operation of the device. 0(1) SignX_G SignY_G SignZ_G Orient_2 Orient_1 Orient_0 SignX_G Pitch axis (X) angular rate sign. Default value: 0 (0: positive sign; 1: negative sign) SignY_G Roll axis (Y) angular rate sign. Default value: 0 (0: positive sign; 1: negative sign) SignZ_G Yaw axis (Z) angular rate sign. Default value: 0 (0: positive sign; 1: negative sign) Orient [2:0] Directional user-orientation selection. Default value: 000 For the configuration setting, refer to Table 36. Table 36. Settings for orientation of axes Orient [2:0] 000 001 010 011 100 101 Pitch X X Y Y Z Z Roll Y Z X Z X Y Yaw Z Y Z X Y X INT1_ STEP_ DETECTOR INT1_SIGN _MOT INT1_FULL _FLAG INT1_ FIFO_OVR INT1_ FTH INT1_ BOOT INT1_ DRDY_G INT1_ DRDY_XL |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |