| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LSM6DSL Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSL Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 113 page ![]() DocID028475 Rev 5 19/113 LSM6DSL Pin description 113 3.1 Pin connections The LSM6DSL offers flexibility to connect the pins in order to have two different mode connections and functionalities. In detail: Mode 1: I2C slave interface or SPI (3- and 4-wire) serial interface is available; Mode 2: I2C slave interface or SPI (3- and 4-wire) serial interface and I2C interface master for external sensor connections are available; Figure 2. LSM6DSL connection modes In the following table each mode is described for the pin connection and function. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |