| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L011G3 Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L011G3 Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 115 page ![]() Pin descriptions STM32L011x3/4 39/115 DocID027973 Rev 4 12 15 18 20 20 20 C2 PA10 I/O FTf - TIM21_CH1, I2C1_SDA, RTC_REFIN, USART2_RX, TIM2_CH3, COMP1_OUT - ---- 21 21 - PA11 I/O FT - SPI1_MISO, LPTIM1_OUT, EVENTOUT, USART2_CTS, TIM21_CH2, COMP1_OUT - ---- 22 22 - PA12 I/O FT - SPI1_MOSI, EVENTOUT, USART2_RTS, COMP2_OUT - 13 16 19 21 23 23 A1 PA13 I/O FTf - SWDIO, LPTIM1_ETR, I2C1_SDA, SPI1_SCK, LPUART1_RX, COMP1_OUT - 14 17 20 22 24 24 A2 PA14 I/O FT - SWCLK, LPTIM1_OUT, I2C1_SMBA, USART2_TX, SPI1_MISO, LPUART1_TX, COMP2_OUT - - - - 23 25 25 - PA15 I/O FT - SPI1_NSS, TIM2_ETR, EVENTOUT, USART2_RX, TIM2_CH1 - - - - 24 26 26 B2 PB3 I/O FT - SPI1_SCK, TIM2_CH2, EVENTOUT COMP2_INM - - - 25 27 27 - PB4 I/O FT - SPI1_MISO, EVENTOUT COMP2_INP Table 13. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |