Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ATF35143 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

No. de pieza ATF35143
Descripción Electrónicos  Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HP [Agilent(Hewlett-Packard)]
Página de inicio  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF35143 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF35143 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF35143 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Figure 5. Block diagram of 2 GHz production test board used for Noise Figure, Associated Gain, P1dB, and OIP3 measure-
ments. This circuit represents a trade-off between an optimal noise match and a realizable match based on production test
requirements. Circuit losses have been de-embedded from actual measurements.
Input
50 Ohm
Transmission
Line Including
Gate Bias T
(0.5 dB loss)
Input
Matching Circuit
Γ_mag = 0.66
Γ_ang = 5°
(0.4 dB loss)
DUT
50 Ohm
Transmission
Line Including
Drain Bias T
(0.5 dB loss)
Output
ATF-35143 Electrical Specifications
TA = 25°C, RF parameters measured in a test circuit for a typical device
Symbol
Parameters and Test Conditions
Units
Min.
Typ.[2]
Max.
Idss[1]
Saturated Drain Current
VDS = 1.5 V, VGS = 0 V
mA
40
65
80
VP[1]
Pinchoff Voltage
VDS = 1.5 V, IDS = 10% of Idss
V
-0.65
-0.5
- 0.35
Id
Quiescent Bias Current
VGS = 0.45 V, VDS = 2 V
mA
15
gm[1]
Transconductance
VDS = 1.5 V, gm = Idss /VP
mmho
90
120
IGDO
Gate to Drain Leakage Current
VGD = 5 V
µA
250
Igss
Gate Leakage Current
VGD = VGS = -4 V
µA
10
150
f = 2 GHz
VDS = 2 V, IDS = 15 mA
dB
0.4
0.7
NF
Noise Figure[3]
VDS = 2 V, IDS = 5 mA
0.5
0.9
f = 900 MHz
VDS = 2 V, IDS = 15 mA
dB
0.3
VDS = 2 V, IDS = 5 mA
0.4
f = 2 GHz
VDS = 2 V, IDS = 15 mA
dB
16.5
18
19.5
Ga
Associated Gain[3]
VDS = 2 V, IDS = 5 mA
14
16
18
f = 900 MHz
VDS = 2 V, IDS = 15 mA
dB
20
VDS = 2 V, IDS = 5 mA
18
Output 3rd Order
f = 2 GHz
VDS = 2 V, IDS = 15 mA
dBm
19
21
OIP3
Intercept Point[4, 5]
VDS = 2 V, IDS = 5 mA
14
f = 900 MHz
VDS = 2 V, IDS = 15 mA
dBm
19
VDS = 2 V, IDS = 5 mA
14
1 dB Compressed
f = 2 GHz VDS = 2 V, IDSQ = 15 mA
dBm
10
P1dB
Intercept Point[4]
VDS = 2 V, IDSQ = 5 mA
8
f = 900 MHz VDS = 2 V, IDSQ = 15 mA
dBm
9
VDS = 2 V, IDSQ = 5 mA
9
Notes:
1. Guaranteed at wafer probe level
2. Typical value determined from a sample size of 450 parts from 9 wafers.
3. 2 V 5 mA min/max data guaranteed via the 2 V 15 mA production test.
4. Measurements obtained using production test board described in Figure 5.
5. Pout = -10 dBm per tone
88759/05-4.PM6.5J
2001.04.26, 9:16 AM
Page 3
Adobe PageMaker 6.5J/PPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com