| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM8AL3188TCX Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3188TCX Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 131 page ![]() Introduction STM8AL318x STM8AL3L8x 10/131 DocID027179 Rev 6 1 Introduction This document describes the features, pinout, mechanical data and ordering information of the high-density STM8AL318x and STM8AL3L8x devices (microcontrollers with 64 Kbyte Flash memory density). These devices are referred to as high-density devices in STM8L051/L052 Value Line, STM8L151/L152, STM8L162, STM8AL31, STM8AL3L MCU lines reference manual (RM0031) and in the STM8L and STM8AL Flash programming manual (PM0054). For more details on the whole STMicroelectronics ultra-low-power family please refer to Section 3: Functional overview on page 14. For information on the debug module and SWIM (single wire interface module), refer to the STM8 SWIM communication protocol and debug module user manual (UM0470). For information on the STM8 core, please refer to the STM8 CPU programming manual (PM0044). |